Electronic Components Datasheet Search
  English  ▼

X  

GLLM317L Datasheet(PDF) 2 Page - GTM CORPORATION

Part # GLLM317L
Description  100mA ADJUSTABLE VOLTAGE REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GLLM317L Datasheet(HTML) 2 Page - GTM CORPORATION

  GLLM317L Datasheet HTML 1Page - GTM CORPORATION GLLM317L Datasheet HTML 2Page - GTM CORPORATION GLLM317L Datasheet HTML 3Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CORPORATION
GLLM317L
Page: 2/3
ISSUED DATE :2006/02/17
REVISED DATE :
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Input-Output Voltage Difference
VIN - VOUT
40
V
Power Dissipation
PD
1
W
Junction Temperature
TJ
+125
:
Operating Junction Temperature
TOPR
0 ~ +70
:
Storage Temperature Range
TSTR
-40 ~ +150
:
Note 1. Absolute maximum ratings are those values beyond witch the device could be permanently damaged. Absolute maximum ratings
are stress ratings only and functional device operation is not implied.
2. The device is guaranteed to meet performance specification within 0 : ‡~ 70 : operating temperature range and assured by design
from -20 : ‡‡¸¨
: `
Electrical Characteristics
(VIN - VOUT=5V, 0 :
TJ 125 ,
: IO=40mA, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
TYP
Max
Unit
TJ=25 :
-
0.01
0.04
%/V
Line Regulation
REGLINE
VIN -VOUT=3~40V
IO<20mA
0 :
TJ 125 :
-
0.02
0.07
%/V
TJ=25 :
-
5
25
IO=5~100mA
VOUT 5V
0 :
TJ 125 :
-
20
70
mV
TJ=25 :
-
0.1
0.5
Load Regulation
REGLOAD
IO=5~100mA
VOUT 5V
0 :
TJ 125 :
-
0.3
1.5
%/VOUT
Adjustable Pin Current
IADJ
-
50
100
A
Adjustable Pin Current Change
IADJ
VIN -VOUT=3~40V
IO=5~100mA, PD < 625mW
-
0.2
5
A
Reference Voltage
VREF
VIN -VOUT=3~40V
IO=5~100mA, PD < 625mW
1.2
1.25
1.3
V
Output Voltage Temperature Stability
VOUT/VOUT
-
0.7
-
%
Minimum Load Current
ILOAD(Min) VIN -VOUT=40V
-
3.5
5
mA
VIN -VOUT=3~13V
100
200
Maximum Output Current
IOUT(Max)
VIN -VOUT=40V
25
50
-
mA
Output Noise Voltage (% of VOUT)
eN
f=10Hz ~ 10KHz, TJ=25 :
-
0.003
-
%/VOUT
CADJ=0
-
65
-
Ripple Rejection
RR
TJ=25 : , f=120Hz
CADJ=10uF
66
80
-
dB
Note: CADJ is connected between Adjust pin and Ground.
Characteristics Curve



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com