Electronic Components Datasheet Search
  English  ▼

X  

GM156 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GM156
Description  NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GM156 Datasheet(HTML) 1 Page - GTM CORPORATION

  GM156 Datasheet HTML 1Page - GTM CORPORATION GM156 Datasheet HTML 2Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CORPORATION
1/2
ISSUED DATE :2006/03/02
REVISED DATE :
GM 156
N P N S I L I C O N P L A N A R H I G H P E R F O R M A N C E T R A N S I S T O R
Description
The GM156 is designed for general purpose switching and amplifier applications.
Features
&60 Volt VCEO
&
3 Amp continuous current
&
Low saturation voltage
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.4
4.6
G
3.00 REF.
B
4.05
4.25
H
1.50 REF.
C
1.50
1.70
I
0.40
0.52
D
1.30
1.50
J
1.40
1.60
E
2.40
2.60
K
0.35
0.41
F
0.89
1.20
L
5°TYP.
M
0.70 REF.
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
:
Storage Temperature
Tstg
-55~+150
:
Collector to Base Voltage
VCBO
80
V
Collector to Emitter Voltage
VCEO
60
V
Emitter to Base Voltage
VEBO
5
V
Collector Current (DC)
IC
3
A
Collector Current (Pulse)
IC
6
A
Total Power Dissipation
PD
1.2
W
Electrical Characteristics (Ta = 25 ,
: unless otherwise noted)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
80
-
-
V
IC=100uA, IE=0
*BVCEO
60
-
-
V
IC=10mA, IB=0
BVEBO
5
-
-
V
IE=100uA, IC=0
ICBO
-
-
100
nA
VCB=60V, IE=0
IEBO
-
-
100
nA
VEB=4V, IC=0
*VCE(sat)1
-
0.12
0.3
V
IC=1A, IB=0.1A
*VCE(sat)2
-
0.43
0.6
V
IC=3A, IB=0.3A
*VBE(sat)
-
0.9
1.25
V
IC=1A, IB=0.1A
*VBE(on)
-
0.8
1.0
V
IC=1A, VCE=2V
*hFE1
70
200
-
VCE=2V, IC=50mA
*hFE2
100
200
300
VCE=2V, IC=500mA
*hFE3
80
170
-
VCE=2V, IC=1A
*hFE4
40
80
-
VCE=2V, IC=2A
fT
140
175
-
MHz
VCE=5V, IC=100mA, f=100MHz
Cob
-
-
30
pF
VCB=10V, f=1MHz
ton
-
45
-
toff
-
800
-
ns
VCC=10V, IC=500mA, IB1=IB2=50mA
*Measured under pulse condition. Pulse width 300 s, Duty Cycle 2%
Spice parameter data is available upon request for this device.
SOT-89


Similar Part No. - GM156

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GM156 ETL-GM156 Datasheet
267Kb / 2P
N P N S I L I CO N P L A N A R H I G H P E R F O RM A N C E T R A N S I S T O R
More results

Similar Description - GM156

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT455 ZETEX-FMMT455 Datasheet
136Kb / 2P
NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
FZT649 ZETEX-FZT649 Datasheet
91Kb / 2P
NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
FZT653 ZETEX-FZT653 Datasheet
96Kb / 2P
NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
FZT655 ZETEX-FZT655 Datasheet
90Kb / 2P
NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
logo
GTM CORPORATION
GL156 GTM-GL156 Datasheet
292Kb / 2P
NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
logo
Guangdong Kexin Industr...
FZT653 KEXIN-FZT653 Datasheet
38Kb / 2P
NPN Silicon Planar High Performance Transistor
FZT649 KEXIN-FZT649 Datasheet
38Kb / 2P
NPN Silicon Planar High Performance Transistor
logo
Micro Commercial Compon...
FMMT491 MCC-FMMT491 Datasheet
241Kb / 3P
NPN Silicon Planar High Performance Transistor
FMMT449 MCC-FMMT449 Datasheet
239Kb / 2P
NPN Silicon Planar High Performance Transistor
FMMT618 MCC-FMMT618 Datasheet
442Kb / 4P
NPN Silicon Planar High Performance Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com