Electronic Components Datasheet Search
  English  ▼

X  

TDA9800T Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA9800T
Description  VIF-PLL demodulator and FM-PLL detector
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9800T Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA9800T Datasheet HTML 1Page - NXP Semiconductors TDA9800T Datasheet HTML 2Page - NXP Semiconductors TDA9800T Datasheet HTML 3Page - NXP Semiconductors TDA9800T Datasheet HTML 4Page - NXP Semiconductors TDA9800T Datasheet HTML 5Page - NXP Semiconductors TDA9800T Datasheet HTML 6Page - NXP Semiconductors TDA9800T Datasheet HTML 7Page - NXP Semiconductors TDA9800T Datasheet HTML 8Page - NXP Semiconductors TDA9800T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
July 1994
3
Philips Semiconductors
Preliminary specification
VIF-PLL demodulator and FM-PLL detector
TDA9800
Fig.1 Block diagram.
VP = 5 V (9 V)
18
1
2
20
16
17
INTERNAL
REFERENCE
VOLTAGE
TRAVELLING
WAVE
DIVIDER
AFC
AGC
DETECTOR
VCO
3-STAGE
IF-AMPLIFIER
FREQUENCY
DETECTOR
AND PHASE
DETECTOR
9
10
15
7
IF
AGC
12
TUNER
AGC
tuner AGC
output
takeover
point
TDA9800
VIDEO
DEMODULATOR
VIDEO
AMPLIFIER
19
3
14
11
13
8
BUFFER AND
NOISE
CLIPPING
FM-PLL
AF
AMPLIFIER
1 V (p-p)
4
5
6
sound
MUTE
IF input
SOUND
TRAP
SOUND
FILTER
sound
mute
video and
intercarrier
n.c.
MED329
TPLL
2fPC
Vi PC
VP
VCO2
VCO1
AFC
Vo AF
CAF
CAF
Vo CVBS
2 V (p-p)
Vi IC
Vi(vid)
Vo(vid)
MUTE
CAGC
CAGC
TAGC
TOP
CCS
Vi VIF2
Vi VIF1
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com