Electronic Components Datasheet Search
  English  ▼

X  

TDA9801 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA9801
Description  Single standard VIF-PLL demodulator and FM-PLL detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9801 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA9801 Datasheet HTML 1Page - NXP Semiconductors TDA9801 Datasheet HTML 2Page - NXP Semiconductors TDA9801 Datasheet HTML 3Page - NXP Semiconductors TDA9801 Datasheet HTML 4Page - NXP Semiconductors TDA9801 Datasheet HTML 5Page - NXP Semiconductors TDA9801 Datasheet HTML 6Page - NXP Semiconductors TDA9801 Datasheet HTML 7Page - NXP Semiconductors TDA9801 Datasheet HTML 8Page - NXP Semiconductors TDA9801 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
1999 Aug 26
2
Philips Semiconductors
Product specification
Single standard VIF-PLL demodulator
and FM-PLL detector
TDA9801
FEATURES
• Suitable for negative vision modulation
• Applicable for IF frequencies of 38.9, 45.75 and
58.75 MHz
• Gain controlled wide-band Vision Intermediate
Frequency (VIF) amplifier (AC-coupled)
• True synchronous demodulation with active carrier
regeneration (ultra-linear demodulation, good
intermodulation figures, reduced harmonics and
excellent pulse response)
• Peak sync pulse AGC
• Video amplifier to match sound trap and sound filter
• AGC output voltage for tuner with fixed resistor for
takeover point setting
• AFC detector without extra reference circuit
• Alignment-free FM-PLL detector with high linearity
• Stabilizer circuit for ripple rejection and to achieve
constant output signals
• 5 to 9 V positive supply voltage range
• Low power consumption of 300 mW at 5 V supply
voltage.
GENERAL DESCRIPTION
The TDA9801(T) is a monolithic integrated circuit for vision
and sound IF signal processing in TV and VTR sets and
multimedia front-ends.
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA9801
DIP20
plastic dual in-line package; 20 leads (300 mil)
SOT146-1
TDA9801T
SO20
plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com