Electronic Components Datasheet Search
  English  ▼

X  

TDA9801T Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA9801T
Description  Single standard VIF-PLL demodulator and FM-PLL detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9801T Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA9801T Datasheet HTML 1Page - NXP Semiconductors TDA9801T Datasheet HTML 2Page - NXP Semiconductors TDA9801T Datasheet HTML 3Page - NXP Semiconductors TDA9801T Datasheet HTML 4Page - NXP Semiconductors TDA9801T Datasheet HTML 5Page - NXP Semiconductors TDA9801T Datasheet HTML 6Page - NXP Semiconductors TDA9801T Datasheet HTML 7Page - NXP Semiconductors TDA9801T Datasheet HTML 8Page - NXP Semiconductors TDA9801T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
1999 Aug 26
3
Philips Semiconductors
Product specification
Single standard VIF-PLL demodulator
and FM-PLL detector
TDA9801
QUICK REFERENCE DATA
Notes
1. Values of video and sound parameters can be decreased at VP = 4.5 V.
2. S/N is the ratio of the black-to-white amplitude to the black level noise voltage (RMS value) at pin CVBS.
B = 5 MHz weighted in accordance with
“CCIR 567” at a source impedance of 50
Ω.
3. Measurements taken with SAW filter G1962; VSB modulation; fvideo > 0.5 MHz; loop bandwidth BL = 60 kHz.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage
note 1
4.5
5.0
9.9
V
IP
supply current
VP = 9 V
52
61
70
mA
Vi(sens)(VIF)(rms) sensitivity of VIF input signal
(RMS value)
−1 dB video at output;
fPC = 38.9 or 45.75 MHz
−
50
90
µV
Vi(max)(rms)
maximum input voltage
(RMS value)
+1 dB video at output;
fPC = 38.9 or 45.75 MHz
70
150
−
mV
GIF
IF gain control
fPC = 38.9 or 45.75 MHz
64
70
dB
Vo(CVBS)(p-p)
CVBS output voltage
(peak-to-peak value)
VP = 5 V
1.7
2.0
2.3
V
Bv(−3dB)
−3 dB video bandwidth
CL < 20 pF; RL >1kΩ
68
−
MHz
S/NW
weighted signal-to-noise ratio
VP = 5 V; note 2
56
60
−
dB
α
IM(0.92/1.1)
intermodulation attenuation at
f = 0.92 or 1.1 MHz
for BLUE
56
62
−
dB
α
IM(2.76/3.3)
intermodulation attenuation at
f = 2.76 or 3.3 MHz
for BLUE
56
62
−
dB
α
H(sup)
harmonics suppression in video
signal
note 3
35
40
−
dB
Vo(AF)(max)(rms) maximum output AF signal
handling voltage (RMS value)
THD < 1.5%
0.8
−−
V
Tamb
ambient temperature
−20
−
+70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com