Electronic Components Datasheet Search
  English  ▼

X  

TDA9802 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA9802
Description  Multistandard VIF-PLL demodulator and FM-PLL detector
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9802 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA9802 Datasheet HTML 1Page - NXP Semiconductors TDA9802 Datasheet HTML 2Page - NXP Semiconductors TDA9802 Datasheet HTML 3Page - NXP Semiconductors TDA9802 Datasheet HTML 4Page - NXP Semiconductors TDA9802 Datasheet HTML 5Page - NXP Semiconductors TDA9802 Datasheet HTML 6Page - NXP Semiconductors TDA9802 Datasheet HTML 7Page - NXP Semiconductors TDA9802 Datasheet HTML 8Page - NXP Semiconductors TDA9802 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
November 1992
2
Philips Semiconductors
Preliminary specification
Multistandard VIF-PLL demodulator
and FM-PLL detector
TDA9802
FEATURES
• Suitable for negative and positive vision modulation
• Gain controlled 3-stage IF amplifier; suitable for VIF
frequencies up to 60 MHz
• True synchronous demodulation with active carrier
regeneration (ultra-linear demodulation, good
intermodulation figures, reduced harmonics and
excellent pulse response)
• Peak sync AGC for negative modulation, e.g. B/G
standard
• Peak white AGC for positive modulation, e.g. L standard
• Video amplifier to match sound trap and sound filter
• AGC output voltage for tuner; adjustable take-over point
(TOP)
• AFC detector without extra reference circuit
• Alignment-free FM-PLL detector with high linearity
• Stabilizer circuit for ripple rejection and to achieve
constant output signals
• 5 to 8 V positive supply voltage range, low power
consumption (300 mW at +5 V supply voltage)
GENERAL DESCRIPTION
The TDA9802 is a monolithic integrated circuit for vision
and sound IF signal processing in multistandard TV and
VTR sets.
QUICK REFERENCE DATA
ORDERING INFORMATION
Note
1. SOT146-1; 1996 November 19.
2. SOT163-1; 1996 November 19.
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VP
positive supply voltage (pin 20)
4.5
5
8.8
V
IP
supply current
51
60
69
mA
ViIF
vision IF input signal sensitivity (RMS value, pins 1 and 2)
−
50
90
µV
maximum vision IF input signal (RMS value, pins 1 and 2) 70
150
−
mV
Gv
IF gain control range
64
70
73
dB
Vo CVBS
CVBS output signal on pin 7 (peak-to-peak value)
1.7
2.0
2.3
V
B
−3 dB video bandwidth on pin 7
6
8
−
MHz
S/N (W)
signal-to-noise ratio weighted; for video
56
59
−
dB
α
1.1
intermodulation attenuation
56
62
−
dB
α
3.3
56
62
−
dB
α
H
suppression of harmonics in video signal
35
40
−
dB
VoAF
maximum AF output signal for THD
< 1.5% (RMS value,
pin 9)
0.8
−−
V
Tamb
operating ambient temperature range
0
−
+70
°C
EXTENDED
TYPE NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
TDA9802
20
DIL
plastic
SOT146(1)
TDA9802T
20
mini-pack
plastic
SOT163A(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com