Electronic Components Datasheet Search
  English  ▼

X  

M30302FCPFP Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # M30302FCPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30302FCPFP Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button M30302FCPFP Datasheet HTML 34Page - Renesas Technology Corp M30302FCPFP Datasheet HTML 35Page - Renesas Technology Corp M30302FCPFP Datasheet HTML 36Page - Renesas Technology Corp M30302FCPFP Datasheet HTML 37Page - Renesas Technology Corp M30302FCPFP Datasheet HTML 38Page - Renesas Technology Corp M30302FCPFP Datasheet HTML 39Page - Renesas Technology Corp M30302FCPFP Datasheet HTML 40Page - Renesas Technology Corp M30302FCPFP Datasheet HTML 41Page - Renesas Technology Corp M30302FCPFP Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 57 page
background image
M16C/30P Group
5. Electrical Characteristics
Rev.1.22
Mar 30, 2007
Page 38 of 53
REJ03B0088-0122
Figure 5.5
Timing Diagram (3)
Memory Expansion Mode, Microprocessor Mode
(Effective for setting with wait)
BCLK
HOLD input
HLDA input
·
Measuring conditions :
·
VCC1=VCC2=5V
·
Input timing voltage : Determined with VIL=1.0V, VIH=4.0V
·
Output timing voltage : Determined with VOL=2.5V, VOH=2.5V
P0, P1, P2,
P3, P4,
P5_0 to P5_2
(1)
(Common to setting with wait and setting without wait)
NOTES:
1. These pins are set to high-impedance regardless of the input level of the BYTE pin,
PM06 bit in PM0 register.
th(BCLK−HOLD)
tsu(HOLD−BCLK)
td(BCLK−HLDA)
td(BCLK−HLDA)
Hi−Z
RDY input
tsu(RDY−BCLK)
th(BCLK−RDY)
RD
BCLK
(Separate bus)
WR, WRL, WRH
(Separate bus)
VCC1=VCC2=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com