Electronic Components Datasheet Search
  English  ▼

X  

R8C27 Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # R8C27
Description  SINGLE-CHIP 16-BIT CMOS MCU
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C27 Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button R8C27 Datasheet HTML 65Page - Renesas Technology Corp R8C27 Datasheet HTML 66Page - Renesas Technology Corp R8C27 Datasheet HTML 67Page - Renesas Technology Corp R8C27 Datasheet HTML 68Page - Renesas Technology Corp R8C27 Datasheet HTML 69Page - Renesas Technology Corp R8C27 Datasheet HTML 70Page - Renesas Technology Corp R8C27 Datasheet HTML 71Page - Renesas Technology Corp R8C27 Datasheet HTML 72Page - Renesas Technology Corp R8C27 Datasheet HTML 73Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 71 / 73 page
background image
A - 2
REVISION HISTORY
R8C/26 Group, R8C/27 Group Datasheet
1.00
Nov 08, 2006
27
Table 5.9, Figure 5.3 revised and Table 5.10 deleted
28
Table 5.10, Table 5.11 revised
34
Table 5.15 revised
35
Table 5.16 revised
36
Table 5.17 revised
39
Table 5.22 revised
40
Table 5.23 revised
44
Table 5.29 revised
47
Package Dimensions; “Diagrams showing the latest...website.” added
1.10
Nov 29, 2006
All pages “J, K version” added
1
1 “J and K versions are under development...notice.” added
1.1 revised
2
Table 1.1 revised
3
Table 1.2 revised
4
Figure 1.1 NOTE3 added
5
Table 1.3, Figure 1.2 revised
6
Table 1.4, Figure 1.3 revised
7
Figure 1.4 NOTE3 added
8
Table 1.5 revised
9
Table 1.6 NOTE2 added
13
Figure 3.1 revised
14
Figure 3.2 revised
15
Table 4.1; “0000h to 003Fh”
→ “0000h to 002Fh” revised
• NOTE3 added
16
Table 4.2; “0040h to 007Fh”
→ “0030h to 007Fh” revised
• 0032h, 0036h: “After reset” is revised
• 0038h: NOTE revised
• NOTES 2, 5, 6 revised and NOTE 7, 8 added
19
Table 4.5 NOTE2 added
28
Table 5.10 revised
48 to 66 5.2 J, K Version added
1.20
Jan 17, 2007
18
Table 4.4 NOTE2 added
1.30
May 25, 2007
2
Table 1.1 revised
3
Table 1.2 revised
5
Table 1.3 revised
6
Figure 1.2 revised
7
Table 1.4 revised
8
Figure 1.3 revised
9
Figure 1.4 NOTE4 added
15
Figure 3.1 part number revised
Rev.
Date
Description
Page
Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com