Electronic Components Datasheet Search
  English  ▼

X  

R8C2A Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # R8C2A
Description  MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2A Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button R8C2A Datasheet HTML 15Page - Renesas Technology Corp R8C2A Datasheet HTML 16Page - Renesas Technology Corp R8C2A Datasheet HTML 17Page - Renesas Technology Corp R8C2A Datasheet HTML 18Page - Renesas Technology Corp R8C2A Datasheet HTML 19Page - Renesas Technology Corp R8C2A Datasheet HTML 20Page - Renesas Technology Corp R8C2A Datasheet HTML 21Page - Renesas Technology Corp R8C2A Datasheet HTML 22Page - Renesas Technology Corp R8C2A Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 58 page
background image
B - 6
NOTE:
1.
The blank regions are reserved. Do not access locations in these
regions.
Address
Register
Symbol
Page
0260h
0261h
0262h
0263h
0264h
0265h
0266h
0267h
0268h
0269h
026Ah
026Bh
026Ch
026Dh
026Eh
026Fh
0270h
0271h
0272h
0273h
0274h
0275h
0276h
0277h
0278h
0279h
027Ah
027Bh
027Ch
027Dh
027Eh
027Fh
0280h
0281h
0282h
0283h
0284h
0285h
0286h
0287h
0288h
0289h
028Ah
028Bh
028Ch
028Dh
028Eh
028Fh
0290h
Timer RF Register
TRF
363
0291h
0292h
0293h
0294h
0295h
0296h
0297h
0298h
0299h
029Ah
Timer RF Control Register 0
TRFCR0
364
029Bh
Timer RF Control Register 1
TRFCR1
365
029Ch
Capture / Compare 0 Register
TRFM0
363
029Dh
029Eh
Compare 1 Register
TRFM1
363
029Fh
Address
Register
Symbol
Page
02A0h
02A1h
02A2h
02A3h
02A4h
02A5h
02A6h
02A7h
02A8h
02A9h
02AAh
02ABh
02ACh
02ADh
02AEh
02AFh
02B0h
02B1h
02B2h
02B3h
02B4h
02B5h
02B6h
02B7h
02B8h
02B9h
02BAh
02BBh
02BCh
02BDh
02BEh
02BFh
02C0h
A/D Register 0
AD0
474
02C1h
02C2h
02C3h
02C4h
02C5h
02C6h
02C7h
02C8h
02C9h
02CAh
02CBh
02CCh
02CDh
02CEh
02CFh
02D0h
02D1h
02D2h
02D3h
02D4h
A/D Control Register 2
ADCON2
474
02D5h
02D6h
A/D Control Register 0
ADCON0
475
02D7h
A/D Control Register 1
ADCON1
476
02D8h
02D9h
02DAh
02DBh
02DCh
02DDh
02DEh
02DFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com