Electronic Components Datasheet Search
  English  ▼

X  

TDA9808 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA9808
Description  Single standard VIF-PLL with QSS-IF and FM-PLL demodulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9808 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA9808 Datasheet HTML 9Page - NXP Semiconductors TDA9808 Datasheet HTML 10Page - NXP Semiconductors TDA9808 Datasheet HTML 11Page - NXP Semiconductors TDA9808 Datasheet HTML 12Page - NXP Semiconductors TDA9808 Datasheet HTML 13Page - NXP Semiconductors TDA9808 Datasheet HTML 14Page - NXP Semiconductors TDA9808 Datasheet HTML 15Page - NXP Semiconductors TDA9808 Datasheet HTML 16Page - NXP Semiconductors TDA9808 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
1999 Jun 04
13
Philips Semiconductors
Product specification
Single standard VIF-PLL with QSS-IF and
FM-PLL demodulator
TDA9808
VIF-AGC detector (pin 17)
I17
charging current
55
75
95
µA
discharging current
note 8
1.0
1.4
1.8
µA
tresp
AGC response to an
increasing VIF step
note 12
−
0.05
0.1
ms/dB
AGC response to a
decreasing VIF step
−
2.2
3.5
ms/dB
Tuner AGC (pin 12)
Vi(rms)
IF input signal voltage for
minimum starting point of
tuner takeover (RMS value)
input at pins 1 and 2;
RTOP =22kΩ;
I12 = 0.4 mA
−
25
mV
IF input signal voltage for
maximum starting point of
tuner takeover (RMS value)
input at pins 1 and 2;
RTOP =0 Ω;
I12 = 0.4 mA
50
100
−
mV
tuner takeover point accuracy
RTOP =13kΩ;
I12 = 0.4 mA
6
−
14
mV
Vo(12)
permissible output voltage
from external source;
note 3
−−
13.2
V
Vsat(12)
saturation voltage
I12 = 1.6 mA
−−
0.2
V
∆V
TOP(12)/∆T
variation of takeover point by
temperature
I12 = 0.4 mA
−
0.03
0.07
dB/K
I12(sink)
sink current
see Fig.4
no tuner gain
reduction;
V12 = 13.2 V
−−
5
µA
maximum tuner gain
reduction
1.5
2
2.6
mA
∆G
IF
IF slip by automatic gain
control
tuner gain current from
20 to 80%
−
68
dB
AFC circuit (pin 13); see Fig.10 and note 13
S
control steepness
∆I13/∆f
note 14
fpc = 38.9 MHz
0.35
0.55
0.75
µA/kHz
fpc = 45.75 MHz
0.35
0.55
0.75
µA/kHz
fpc = 58.75 MHz
0.35
0.55
0.75
µA/kHz
∆f
IF/∆T
frequency variation by
temperature
IAFC = 0; note 5
−−±20 × 10−6
K−1
Vo(13)
output voltage upper limit
see Fig.10
VP − 0.7 VP − 0.3 −
V
output voltage lower limit
see Fig.10
−
0.3
0.7
V
Io(source)(13)
output source current
150
200
250
µA
Io(sink)(13)
output sink current
150
200
250
µA
∆I
13(p-p)
residual video modulation
current (peak-to-peak value)
−
20
30
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com