Electronic Components Datasheet Search
  English  ▼

X  

ELJRF2N2DF Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ELJRF2N2DF
Description  Chip inductors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJRF2N2DF Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ELJRF2N2DF Datasheet HTML 1Page - Panasonic Semiconductor ELJRF2N2DF Datasheet HTML 2Page - Panasonic Semiconductor ELJRF2N2DF Datasheet HTML 3Page - Panasonic Semiconductor ELJRF2N2DF Datasheet HTML 4Page - Panasonic Semiconductor ELJRF2N2DF Datasheet HTML 5Page - Panasonic Semiconductor ELJRF2N2DF Datasheet HTML 6Page - Panasonic Semiconductor ELJRF2N2DF Datasheet HTML 7Page - Panasonic Semiconductor ELJRF2N2DF Datasheet HTML 8Page - Panasonic Semiconductor ELJRF2N2DF Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Chip Inductors
s Q-Frequency Characteristics
Type: 1608 (0603) RE
s Examples : Type 1608(0603)RE
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
Q
min.
47
47
47
45
35
35
35
36
36
36
36
36
37
37
38
39
40
41
40
39
38
35
35
33
30
25
22
20
Ñ
6000
6000
6000
6000
6000
6000
5500
5500
4800
4600
3550
3500
2800
2800
2500
2300
2000
2000
1800
1800
1800
1800
1500
1500
1300
1200
1100
1000
900
0.05
0.06
0.07
0.08
0.09
0.10
0.12
0.15
0.17
0.18
0.20
0.28
0.32
0.35
0.41
0.45
0.50
0.55
0.60
0.80
0.95
1.2
1.3
1.5
1.8
3.0
4.5
6.5
7.5
500
500
500
500
500
500
500
450
450
430
430
400
400
400
350
350
300
300
300
300
250
250
250
250
200
130
100
80
70
ELJRE1N0DF2
ELJRE1N2DF2
ELJRE1N5DF2
ELJRE1N8DF2
ELJRE2N2DF2
ELJRE2N7DF2
ELJRE3N3DF2
ELJRE3N9JF2
ELJRE4N7JF2
ELJRE5N6JF2
ELJRE6N8JF2
ELJRE8N2JF2
ELJRE10NJF2
ELJRE12NJF2
ELJRE15NJF2
ELJRE18NJF2
ELJRE22NJF2
ELJRE27NJF2
ELJRE33NJF2
ELJRE39NJF2
ELJRE47NJF2
ELJRE56NJF3
ELJRE68NJF3
ELJRE82NJF3
ELJRER10JF3
ELJRER12JF3
ELJRER15JF3
ELJRER18JF3
ELJRER22JF3
7
8
9
10
11
12
5
4
nH
Tolerance
25.2
±0.3 nH
± 5 %
100.
L , Q
Test-Freq.
( MHz)
DCR V2
max.(Ω)
DC Current
max.(mA)
SRF V1
min.(MHz)
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
Part No.
Inductance
Q
Typical
(800 MHz)
V
1 : Self Resonant Frequency V2 : DC Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com