| Electronic Components Datasheet Search |
|
R8C2K Datasheet(PDF) 43 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C2K Datasheet(HTML) 43 Page - Renesas Technology Corp |
|
43 / 46 page ![]() R8C/2K Group, R8C/2L Group 5. Resets Rev.1.10 Dec 21, 2007 Page 26 of 450 REJ09B0406-0110 Figure 5.4 OFS Register Option Function Select Register (1) Symbol Address When Shipping OFS 0FFFFh FFh(3) Bit Symbol Bit Name Function RW NOTES: 1. 2. 3. The OFS register is on the flash memory. Write to the OFS register w ith a program. After w riting is completed, do not w rite additions to the OFS register. LVD0ON Voltage detection 0 circuit start bit(2) 0 : Voltage monitor 0 reset enabled after hardw are reset 1 : Voltage monitor 0 reset disabled after hardw are reset RW — (b4) Reserved bit Set to 1. RW b3 b2 b1 b0 b7 b6 b5 b4 11 WDTON RW Watchdog timer start select bit 0 : Starts w atchdog timer automatically after reset 1 : Watchdog timer is inactive after reset 1 — (b1) RW Reserved bit Set to 1. ROMCR ROM code protect disabled bit 0 : ROM code protect disabled 1 : ROMCP1 enabled RW ROMCP1 ROM code protect bit 0 : ROM code protect enabled 1 : ROM code protect disabled RW If the block including the OFS register is erased, FFh is set to the OFS register. — (b6) Reserved bit Set to 1. RW CSPROINI Count source protect mode after reset select bit 0 : Count source protect mode enabled after reset 1 : Count source protect mode disabled after reset RW Setting the LVD0ON bit is only valid after a hardw are reset. To use the pow er-on reset, set the LVD0ON bit to 0 (voltage monitor 0 reset enabled after hardw are reset). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |