Electronic Components Datasheet Search
  English  ▼

X  

R8C2G Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # R8C2G
Description  MCU
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2G Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button R8C2G Datasheet HTML 33Page - Renesas Technology Corp R8C2G Datasheet HTML 34Page - Renesas Technology Corp R8C2G Datasheet HTML 35Page - Renesas Technology Corp R8C2G Datasheet HTML 36Page - Renesas Technology Corp R8C2G Datasheet HTML 37Page - Renesas Technology Corp R8C2G Datasheet HTML 38Page - Renesas Technology Corp R8C2G Datasheet HTML 39Page - Renesas Technology Corp R8C2G Datasheet HTML 40Page - Renesas Technology Corp R8C2G Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
R8C/2G Group
4. Special Function Registers (SFRs)
Rev.1.00
Apr 04, 2008
Page 17 of 318
REJ09B0387-0100
Table 4.6
SFR Information (6)(1)
X: Undefined
NOTE:
1.
The blank regions are reserved. Do not access locations in these regions.
Address
Register
Symbol
After reset
0130h
0131h
0132h
0133h
0134h
0135h
0136h
0137h
0138h
0139h
013Ah
013Bh
013Ch
013Dh
013Eh
013Fh
0140h
0141h
0142h
0143h
0144h
0145h
0146h
0147h
0148h
0149h
014Ah
014Bh
014Ch
014Dh
014Eh
014Fh
0150h
0151h
0152h
0153h
0154h
0155h
0156h
0157h
0158h
0159h
015Ah
015Bh
015Ch
015Dh
015Eh
015Fh
0160h
UART2 Transmit/Receive Mode Register
U2MR
00h
0161h
UART2 Bit Rate Register
U2BRG
XXh
0162h
UART2 Transmit Buffer Register
U2TB
XXh
0163h
XXh
0164h
UART2 Transmit/Receive Control Register 0
U2C0
00001000b
0165h
UART2 Transmit/Receive Control Register 1
U2C1
00000010b
0166h
UART2 Receive Buffer Register
U2RB
XXh
0167h
XXh
0168h
0169h
016Ah
016Bh
016Ch
016Dh
016Eh
016Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com