Electronic Components Datasheet Search
  English  ▼

X  

TDA9809 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDA9809
Description  Single standard multimedia IF-PLL and FM radio demodulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9809 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDA9809 Datasheet HTML 13Page - NXP Semiconductors TDA9809 Datasheet HTML 14Page - NXP Semiconductors TDA9809 Datasheet HTML 15Page - NXP Semiconductors TDA9809 Datasheet HTML 16Page - NXP Semiconductors TDA9809 Datasheet HTML 17Page - NXP Semiconductors TDA9809 Datasheet HTML 18Page - NXP Semiconductors TDA9809 Datasheet HTML 19Page - NXP Semiconductors TDA9809 Datasheet HTML 20Page - NXP Semiconductors TDA9809 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
1998 Jan 08
17
Philips Semiconductors
Preliminary specification
Single standard multimedia IF-PLL and FM
radio demodulator
TDA9809M
Notes
1. Video and sound parameters are degraded at VP ≤ 4.5 V.
2. This parameter is not tested during production and is provided as application information for use in designing the
television receiver.
3. Loop bandwidth BL = 70 kHz (natural frequency fn = 12 kHz; damping factor d ≈ 3; calculated for peak level).
Resonance circuit of VCO: Q0 > 50; CVCO = 8.2 pF ± 0.25 pF; Cint ≈ 8.5 pF (loop voltage ≈ 2.7 V).
4. Temperature coefficient of external LC circuit is equal to zero.
5. Vi(VIF)(rms) =10mV; ∆f = 1 MHz (VCO frequency offset related to picture carrier frequency); white picture
video modulation.
6. Vi(VIF) signal for nominal video signal.
7. The leakage current of the AGC capacitor should not exceed 1
µA to avoid larger tilt.
8. S/N is the ratio of black-to-white amplitude to the black level noise voltage (RMS value, pin 13). B = 5 MHz weighted
in accordance with
“CCIR 567”.
9. The intermodulation figures are defined:
;
αIM(0.92/1.1) value at 0.92 or 1.1 MHz referenced to
black/white signal;
;
αIM(2.76/3.3) value at 2.76 or 3.3 MHz referenced to colour carrier.
10. Measurements taken with SAW filter G1962 (sound shelf: 20 dB); loop bandwidth = 70 kHz.
a) Modulation VSB; sound carrier off; fvideo > 0.5 MHz.
b) Sound carrier on; SIF SAW filter K9453; fvideo = 10 kHz to 10 MHz.
11. Response speed valid for a VIF input level range of 200
µVupto70mV.
12. A current source output is provided to match the AFC output signal to different tuning systems. The test circuit is
given in Fig.6 for TV mode and in Fig.11 for radio mode. The AFC steepness can be changed by the resistors at
pin 14.
a) A voltage output is provided to match the AFC output signal to different tuning systems. The DC load current
should not exceed 180
µA.
13. Depending on the ratio
∆C/C0 of the LC resonant circuit of the VCO (Q0 > 50; see note 3; C0 =Cint +Cext).
Switching levels for logic port 0; see also Table 2
Vlogic
DC potential for logic 1
or pin not connected
2.8
−
VP
V
DC potential for logic 0
0
−
0.8
V
IIL
LOW-level input
current
V3,8 = 0 V
507090
µA
Switching levels for logic port 2; see also Table 2 and Fig.12
Vlogic
DC potential for logic 1
or pin not connected
0.8
−
VP
V
DC potential for logic 0
0
−
0.8
V
IIL
LOW-level input
current
V11 = 0 V
110
150
190
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
α
IM(0.92/1.1)
20
V
0 at 3.58 (4.4) MHz
V
0 at 0.92 (1.1) MHz
-------------------------------------------------------



3.6 dB
+
log
=
α
IM(2.76/3.3)
20
V
0 at 3.58 (4.4) MHz
V
0 at 2.76 (3.3) MHz
-------------------------------------------------------



log
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com