Electronic Components Datasheet Search
  English  ▼

X  

HA17431P Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HA17431P
Description  Shunt Regulato
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17431P Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HA17431P Datasheet HTML 9Page - Renesas Technology Corp HA17431P Datasheet HTML 10Page - Renesas Technology Corp HA17431P Datasheet HTML 11Page - Renesas Technology Corp HA17431P Datasheet HTML 12Page - Renesas Technology Corp HA17431P Datasheet HTML 13Page - Renesas Technology Corp HA17431P Datasheet HTML 14Page - Renesas Technology Corp HA17431P Datasheet HTML 15Page - Renesas Technology Corp HA17431P Datasheet HTML 16Page - Renesas Technology Corp HA17431P Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
HA17431 Series
REJ03D0678-0300 Rev.3.00 Apr 03, 2007
Page 13 of 19
Application Hints
(cont.)
No.
Application Example
Description
3
Single power supply inverting
comparator circuit
K
Vout
GND
Vin
GND
A
REF
VCC
RL
Rin
This is an inverting type comparator with an input threshold voltage
of approximately 2.5 V. Rin is the REF pin protection resistance,
with a value of several k
Ω to several tens of kΩ.
RL is the load resistance, selected so that the cathode current IK ≥ 1
mA when Vout is low.
Condition
C1
C2
Vin
Less then 2.5 V
2.5 V or more
Vout
VCC (VOH)
Approx. 2 V (VOL)
IC
OFF
ON
4
AC amplifier circuit
GND
K
Vout
Vin
REF
A
VCC
RL
R1
R2
R3
Cin
Cf
Gain G =
(DC gain)
R1
R2 // R3
Cutoff frequency fc =
1
2
π Cf (R
1 // R2 // R3)
This is an AC amplifier with voltage gain G = –R1 / (R2//R3). The
input is cut by capacitance Cin, so that the REF pin is driven by the
AC input signal, centered on 2.5 VDC.
R2 also functions as a resistance that determines the DC cathode
potential when there is no input, but if the input level is low and
there is no risk of Vout clipping to VCC, this can be omitted.
To change the frequency characteristic, Cf should be connected as
indicated by the dotted line.
5
Switching power supply error
amplification circuit
+
–
V
+
V
–
R1
R2
R3
R4
LED
Cf
Secondary
side GND
(Note)
Note: LED
R3
R4
: Light emitting diode in photocoupler
: Bypass resistor to feed IK(>Imin)
when LED current vanishes
: LED protection resistance
This circuit performs control on the secondary side of a transformer,
and is often used with a switching power supply that employs a
photocoupler for offlining.
The output voltage (between V+ and V–) is given by the following
formula:
Vout
≅ 2.5 V ×
(R1 + R2)
R2
In this circuit, the gain with respect to the Vout error is as follows:
G =
×
R2
(R1 + R2)
HA17431 open
loop gain
× photocoupler
total gain
As stated earlier, the HA17431 open-loop gain is 50 to 60 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com