Electronic Components Datasheet Search
  English  ▼

X  

M5295AL Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M5295AL
Description  Watchdog Timer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5295AL Datasheet(HTML) 4 Page - Renesas Technology Corp

  M5295AL Datasheet HTML 1Page - Renesas Technology Corp M5295AL Datasheet HTML 2Page - Renesas Technology Corp M5295AL Datasheet HTML 3Page - Renesas Technology Corp M5295AL Datasheet HTML 4Page - Renesas Technology Corp M5295AL Datasheet HTML 5Page - Renesas Technology Corp M5295AL Datasheet HTML 6Page - Renesas Technology Corp M5295AL Datasheet HTML 7Page - Renesas Technology Corp M5295AL Datasheet HTML 8Page - Renesas Technology Corp M5295AL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
M5295AL/AP/AFP
REJ03D0780-0200 Rev.2.00 Jun 15, 2007
Page 4 of 12
Operating Description
(2)(3)
(4) (5)
(6)
(7) (8)
(9)(10)(11)
(1)
0V
The VCC rises up to 0.8 V, then RST1 and RST2 generates low output, and rising up to 4.25 V,
charge of C1 begins.
The VCC rises up to 4.7 V, then RST2 generates high.
The voltage at TC pin is 2 V, then
RST2 generates high, when 4 V, C1 is discharged and RST1
generates low.
The voltage at TC pin falls to 2 V, then
RST1 generates high unless normal clock signal is entered
to WD pin,
RST1 repeats this operation.
Before the voltage at TC pin reaches 4 V, if normal clock signal is entered to WD pin, low
RST1 is
canceled.
In the case of entrance of abnormal signal input, as the waveform of TC pin repeats charge and
discharge of
RST1 alternatively from 2 V to 4 V, the RST1 repeats high and low output operation.
The VCC falls to 4.6 V, then RST2 generates low, this detective voltage has a 100 mV hysteresis.
When VCC goes down to 4.25 V(VTH1), the status of TC pin is switched to discharge. When the
potentional at TC pin is detected being VTH3(H) or VTH3(L), the status of RST1 becomes "low".
0V
0V
Terminology
tRST(1):
tWD
:
tRST(2):
Time required for TC pin potential to rise from 0 V VTH3(L) when VCC is being applied.
Time required for TC pin potential to rise from VTH3(L) to VTH3(H).
Time required for TC pin potential to go down from VTH3(H) to VTH3(L).
0V
0V
VCC
(1):
(2):
(3), (4):
(5):
(6), (7):
(8), (9):
(10):
(11):
VIN
TC
RST1
RST2
VTH3(H)
VTH2(H)
VTH1
VTH2(L)
VTH1
VTH3(L)
tRST(1)
tWD
tRST(2)
Figure 1 Operating Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com