Electronic Components Datasheet Search
  English  ▼

X  

TDA9812T Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA9812T
Description  Multistandard VIF-PLL and FM-PLL/AM demodulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9812T Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA9812T Datasheet HTML 1Page - NXP Semiconductors TDA9812T Datasheet HTML 2Page - NXP Semiconductors TDA9812T Datasheet HTML 3Page - NXP Semiconductors TDA9812T Datasheet HTML 4Page - NXP Semiconductors TDA9812T Datasheet HTML 5Page - NXP Semiconductors TDA9812T Datasheet HTML 6Page - NXP Semiconductors TDA9812T Datasheet HTML 7Page - NXP Semiconductors TDA9812T Datasheet HTML 8Page - NXP Semiconductors TDA9812T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
1995 Mar 21
3
Philips Semiconductors
Preliminary specification
Multistandard VIF-PLL and
FM-PLL/AM demodulator
TDA9812
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage
4.5
5
5.5
V
IP
supply current
82
96
110
mA
Vi VIF(rms)
vision IF input signal voltage
sensitivity (RMS value)
−1 dB video at output
−
60
100
µV
Vo CVBS(p-p)
CVBS output signal voltage
(peak-to-peak value)
1.7
2.0
2.3
V
B−3
−3 dB video bandwidth on pin CVBS B/G and L standard;
CL < 20 pF; RL > 1kΩ;
AC load
78
−
MHz
S/N(W)
weighted signal-to-noise ratio for
video
56
60
−
dB
IMα1.1
intermodulation attenuation at ‘blue’
f = 1.1 MHz
58
64
−
dB
IMα3.3
intermodulation attenuation at ‘blue’
f = 3.3 MHz
58
64
−
dB
αH(sup)
suppression of harmonics in video
signal
35
40
−
dB
Vi SIF(rms)
sound IF input signal voltage
sensitivity (RMS value)
−3 dB video at AF output
−
70
100
µV
Vo(rms)
audio output signal voltage for FM
(RMS value)
B/G standard;
54% modulation
−
0.5
−
V
audio output signal voltage for AM
(RMS value)
L standard; 54% modulation
−
0.5
−
V
THD
total harmonic distortion
54% modulation
FM
−
0.15
0.5
%
AM
−
0.5
1.0
%
S/N (W)
weighted signal-to-noise ratio
54% modulation
FM
−
60
−
dB
AM
47
53
−
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com