Electronic Components Datasheet Search
  English  ▼

X  

TDA9813T Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA9813T
Description  VIF-PLL with QSS-IF and dual FM-PLL demodulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9813T Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA9813T Datasheet HTML 9Page - NXP Semiconductors TDA9813T Datasheet HTML 10Page - NXP Semiconductors TDA9813T Datasheet HTML 11Page - NXP Semiconductors TDA9813T Datasheet HTML 12Page - NXP Semiconductors TDA9813T Datasheet HTML 13Page - NXP Semiconductors TDA9813T Datasheet HTML 14Page - NXP Semiconductors TDA9813T Datasheet HTML 15Page - NXP Semiconductors TDA9813T Datasheet HTML 16Page - NXP Semiconductors TDA9813T Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
1999 Sep 16
13
Philips Semiconductors
Product specification
VIF-PLL with QSS-IF and
dual FM-PLL demodulator
TDA9813T
Iint 17
DC internal bias current for
emitter-follower
1.5
1.9
−
mA
I17 max(sink)
maximum AC and DC output
sink current
1.1
1.5
−
mA
I17 max(source)
maximum AC and DC output
source current
3.0
3.5
−
mA
Limiter amplifier 1 (pin 15); note 16
Vi FM(rms)
input signal voltage for
lock-in (RMS value)
−−
100
µV
Vi FM(rms)
input signal voltage
(RMS value)
−
300
400
µV
allowed input signal voltage
(RMS value)
200
−−
mV
Ri,15
input resistance
note 2
480
600
720
Ω
VI,15
DC input voltage
−
2.8
−
V
Limiter amplifier 2 (pin 14); note 16
Vi FM(rms)
input signal voltage for
lock-in (RMS value)
−−
100
µV
Vi FM(rms)
input signal voltage
(RMS value)
PLL1 has to be in locked
mode; auto mute off
−
300
400
µV
allowed input signal voltage
(RMS value)
200
−−
mV
input signal voltage for no
auto mute; PLL enabled
(RMS value)
0.7
1
1.5
mV
HYS14
hysteresis of level detector
for auto mute
−3
−6
−8dB
Ri,14
input resistance
note 2
480
600
720
Ω
VI,14
DC input voltage
−
2.0
−
V
FM-PLL demodulator
fi FM(catch)
catching range of PLL
upper limit
7.0
−−
MHz
lower limit
−−
4.0
MHz
fi FM(hold)
holding range of PLL
upper limit
8.0
−−
MHz
lower limit
−−
3.5
MHz
tacq
acquisition time
−−
4
µs
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
SN
+
N
--------------
40 dB
=
SN
+
N
--------------
40 dB
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com