Electronic Components Datasheet Search
  English  ▼

X  

ADA4077-1ARMZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4077-1ARMZ
Description  4 MHz, 7 nV/√Hz, Low Offset and Drift, High Precision Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4077-1ARMZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4077-1ARMZ Datasheet HTML 9Page - Analog Devices ADA4077-1ARMZ Datasheet HTML 10Page - Analog Devices ADA4077-1ARMZ Datasheet HTML 11Page - Analog Devices ADA4077-1ARMZ Datasheet HTML 12Page - Analog Devices ADA4077-1ARMZ Datasheet HTML 13Page - Analog Devices ADA4077-1ARMZ Datasheet HTML 14Page - Analog Devices ADA4077-1ARMZ Datasheet HTML 15Page - Analog Devices ADA4077-1ARMZ Datasheet HTML 16Page - Analog Devices ADA4077-1ARMZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Data Sheet
ADA4077-1/ADA4077-2/ADA4077-4
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. F | 13 of 25
Figure 28. Output Dropout Voltage vs. ILOAD, Sink Current, VSY = ±5 V
Figure 29. Output Dropout Voltage vs. ILOAD, Source Current, VSY = ±5 V
Figure 30. Open-Loop Gain and Phase Margin vs. Frequency, VSY = ±5 V
Figure 31. Output Dropout Voltage vs. ILOAD, Sink Current, VSY = ±15 V
Figure 32. Output Dropout Voltage vs. ILOAD, Source Current, VSY = ±15 V
Figure 33. Open-Loop Gain and Phase Margin vs. Frequency, VSY = ±15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com