Electronic Components Datasheet Search
  English  ▼

X  

ADA4091-2 Datasheet(PDF) 3 Page - Analog Devices

Part # ADA4091-2
Description  30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4091-2 Datasheet(HTML) 3 Page - Analog Devices

  ADA4091-2 Datasheet HTML 1Page - Analog Devices ADA4091-2 Datasheet HTML 2Page - Analog Devices ADA4091-2 Datasheet HTML 3Page - Analog Devices ADA4091-2 Datasheet HTML 4Page - Analog Devices ADA4091-2 Datasheet HTML 5Page - Analog Devices ADA4091-2 Datasheet HTML 6Page - Analog Devices ADA4091-2 Datasheet HTML 7Page - Analog Devices ADA4091-2 Datasheet HTML 8Page - Analog Devices ADA4091-2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Data Sheet
ADA4096-2/ADA4096-4
Rev. G | Page 3 of 25
REVISION HISTORY
9/2017—Rev. F to Rev. G
Changed ADA409x to ADA4096-2 ............................ Throughout
Changed CP-16-27 to CP-16-22.................................. Throughout
Changes to Figure 12 and Figure 13 .............................................10
Changes to Figure 26 ......................................................................13
Changes to Figure 39 ......................................................................16
Updated Outline Dimensions........................................................22
Changes to Ordering Guide...........................................................24
12/2014—Rev. E to Rev. F
Changes to EPAD Note, Figure 2 ....................................................1
Changes to EPAD Note, Figure 5 and Table 7 ...............................7
Changes to EPAD Note, Figure 7 and Table 8 ...............................8
3/2014—Rev. D to Rev. E
Changes to Figure 10 and Figure 12 ...............................................9
Changes to Figure 23 and Figure 25 .............................................12
Changes to Figure 36 and Figure 38 .............................................15
5/2013—Rev. C to Rev. D
Changes to Pin Connection Diagrams Section.............................1
Changes to Pin Configurations and Function Descriptions
Section ................................................................................................7
Added Figure 10, Renumbered Sequentially.................................9
Added Figure 23 ..............................................................................12
Added Figure 36 ..............................................................................15
8/2012—Rev. B to Rev. C
Changes to Table 8 ............................................................................8
8/2012—Rev. A to Rev. B
Added ADA4096-4 ............................................................ Universal
Changes to Features Section............................................................1
Added Figure 3 ..................................................................................1
Changes to Pin Connection Diagrams Section.............................1
Changes to Input Bias Current, Common-Mode Rejection
Ratio, Large Signal Voltage Gain, and Supply Current per
Amplifier Parameters, and −3 dB Closed-Loop Bandwidth
Symbol, Table 2..................................................................................3
Changes to Input Bias Current, Common-Mode Rejection
Ratio, Large Signal Voltage Gain, and Parameters, and −3 dB
Closed-Loop Bandwidth Symbol, Table 3 .....................................4
Changes to Input Bias Current, Common-Mode Rejection
Ratio, Large Signal Voltage Gain, Output Voltage High, and
Output Voltage Low Parameters, and −3 dB Closed-Loop
Bandwidth Symbol, Table 4 .............................................................5
Changes to Table 6 ............................................................................7
Added Pin Configurations and Function Descriptions
Section ................................................................................................8
Added Figure 4 and Figure 5, Renumbered Sequentially............8
Added Table 7, Renumbered Sequentially.....................................8
Added Figure 6, Figure 7, and Table 8............................................9
Updated Outline Dimensions........................................................18
Changes to Ordering Guide...........................................................20
3/2012—Rev. 0 to Rev. A
Changed −3 dB Closed-Loop Bandwidth from 97 kHz to
970 kHz, Table 2 ................................................................................3
Changed −3 dB Closed-Loop Bandwidth from 114 kHz to
1140 kHz, Table 3..............................................................................4
Changed to −3 dB Closed-Loop Bandwidth from 152 kHz to
1520 kHz, Table 4..............................................................................5
Updated Outline Dimensions........................................................18
7/2011—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com