Electronic Components Datasheet Search
  English  ▼

X  

ADA4530-1 Datasheet(PDF) 32 Page - Analog Devices

Part # ADA4530-1
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADA4530-1 Datasheet HTML 28Page - Analog Devices ADA4530-1 Datasheet HTML 29Page - Analog Devices ADA4530-1 Datasheet HTML 30Page - Analog Devices ADA4530-1 Datasheet HTML 31Page - Analog Devices ADA4530-1 Datasheet HTML 32Page - Analog Devices ADA4530-1 Datasheet HTML 33Page - Analog Devices ADA4530-1 Datasheet HTML 34Page - Analog Devices ADA4530-1 Datasheet HTML 35Page - Analog Devices ADA4530-1 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
Data Sheet
ADA4530-1
HIGH IMPEDANCE MEASUREMENTS
analog.com
Rev. C | 32 of 52
The ADA4530-1 is designed to maximize the performance of very
high impedance circuits. Its performance advantages make it useful
for circuit impedances ranging from 100 MΩ to over 10 TΩ. Meas-
urements of high impedance circuits are subject to a number of
error sources. General information about making measurements
from high resistance sources can be found in the Low Level
Measurements Handbook, sixth edition (Keithley Instruments, Inc.,
2004).
The ADA4530-1 is typically used in two kinds of circuits: a buffer
and a transimpedance amplifier (TIA). Buffer circuits are useful
for measuring voltage output sensors with high output resistance.
Some example sensors include pH probes and reference electro-
des (RE) in coulometry control loops. TIA circuits are useful for
converting the signal from a current output sensor to an output
voltage. Some example sensors include photodiodes and ion cham-
bers.
The following sections describe some of the most important error
sources when using the ADA4530-1 in these circuits. Simplified
models with error sources are provided for the buffer (see Figure
105) and the TIA (see Figure 106).
The buffer circuit models the voltage output sensor as a voltage
source (VSRC) with an output resistance (RSRC). The voltage on the
A terminal is sensed by Pin 1 of the ADA4530-1 in a noninverting
gain configuration (or a unity-gain configuration). The B terminal is
driven to a suitable reference voltage (signal ground in this case).
If all error sources are ignored, the output of the circuit is as follows:
VOUT=VSRC1+RFRS
(2)
Figure 105. Voltage Buffer Circuit
The TIA circuit models the current output sensor as a current
source (ISRC) with a shunt resistance (RSRC). The current from the
A terminal is connected to the inverting input pin of the ADA4530-1
and the feedback resistor (RF). The B terminal and the noninverting
input of the amplifier are driven to a suitable reference voltage
(signal ground in this case). The negative feedback of the circuit
suppresses any voltage changes at the A terminal. This suppres-
sion is accomplished by forcing all current through the feedback
resistor.
If all error sources are ignored, the output of the circuit is as follows:
VOUT = ISRC × RF
(3)
Figure 106. TIA Circuit
INPUT BIAS CURRENT
The input bias current of the amplifier is a major error source in high
impedance electrometer circuits.
Like other semiconductor amplifiers, the input bias current of the
ADA4530-1 has an exponential dependence on temperature. The
input bias current of the ADA4530-1 increases by a factor of 2.5
for every 10°C increase in temperature. Refer to the input bias
current vs. temperature graphs (see Figure 34 to Figure 36) for
typical temperature performance. Notice that the exponential diode
currents cease to be the dominant contributor to the input bias
current at temperatures below 60°C to 70°C. The residual 100 aA
to 200 aA (aA = 10−18 A) bias currents are dominated by other
leakage paths that are highly sensitive to environmental conditions.
These vanishingly small bias currents require highly controlled
laboratory conditions to measure. Most practical applications are
dominated by other errors, and the ADA4530-1 input bias current
can be considered to be zero for temperatures less than 70°C. The
input bias current of the ADA4530-1 can only be guaranteed to ±20
fA due to the measurement limitations of a production environment,
even though the achievable input bias currents are more than an
order of magnitude lower.
The input bias current affects the buffer circuit by loading down
the voltage sensor. The input bias current is forced to flow through
the output resistance of the sensor, which creates an error voltage,
VERR.
VERR = IB+(RSRC)
(4)
The magnitude of this voltage error can be significant with very high
impedance sensors operating at high temperature. For example,
the input bias current can generate a maximum voltage error of 25
mV from a 100 GΩ sensor operating at 125°C.
The input bias current affects the TIA circuit by summing together
with the sensor current. Both of these currents flow through the
feedback resistor to generate the output voltage as follows:
VOUT = (ISRC + IB−)RF
(5)
The magnitude of the input bias current limits how small of a signal
current can be resolved accurately. For example, if the acceptable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com