Electronic Components Datasheet Search
  English  ▼

X  

AD8628 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8628
Description  Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8628 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8628 Datasheet HTML 2Page - Analog Devices AD8628 Datasheet HTML 3Page - Analog Devices AD8628 Datasheet HTML 4Page - Analog Devices AD8628 Datasheet HTML 5Page - Analog Devices AD8628 Datasheet HTML 6Page - Analog Devices AD8628 Datasheet HTML 7Page - Analog Devices AD8628 Datasheet HTML 8Page - Analog Devices AD8628 Datasheet HTML 9Page - Analog Devices AD8628 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADA4528-1/ADA4528-2
Data Sheet
Rev. F | Page 6 of 24
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Supply Voltage
6 V
Input Voltage
±VSY ± 0.3 V
Input Current1
±10 mA
Differential Input Voltage
±VSY
Output Short-Circuit Duration to GND
Indefinite
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
1
The input pins have clamp diodes to the power supply pins. Limit the input
current to 10 mA or less whenever input signals exceed the power supply
rail by 0.3 V.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages using a
4-layer JEDEC board. The exposed pad of the LFCSP package is
soldered to the board.
Table 5. Thermal Resistance
Package Type
θJA
θJC
Unit
8-Lead MSOP (RM-8)
142
45
°C/W
8-Lead LFCSP (CP-8-11)
83.5
48.51
°C/W
1
θJC is measured on the top surface of the package.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com