Electronic Components Datasheet Search
  English  ▼

X  

AD8624 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8624
Description  30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8624 Datasheet(HTML) 2 Page - Analog Devices

  AD8624 Datasheet HTML 1Page - Analog Devices AD8624 Datasheet HTML 2Page - Analog Devices AD8624 Datasheet HTML 3Page - Analog Devices AD8624 Datasheet HTML 4Page - Analog Devices AD8624 Datasheet HTML 5Page - Analog Devices AD8624 Datasheet HTML 6Page - Analog Devices AD8624 Datasheet HTML 7Page - Analog Devices AD8624 Datasheet HTML 8Page - Analog Devices AD8624 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
ADA4096-2/ADA4096-4
Data Sheet
Rev. G | Page 2 of 25
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Pin Connection Diagrams............................................................... 1
General Description ......................................................................... 1
Revision History ............................................................................... 3
Specifications..................................................................................... 4
Electrical Specifications, VSY = ±1.5 V....................................... 4
Electrical Specifications, VSY = ±5 V.......................................... 5
Electrical Specifications, VSY = ±15 V........................................ 6
Absolute Maximum Ratings............................................................ 7
Thermal Resistance ...................................................................... 7
ESD Caution.................................................................................. 7
Pin Configurations and Function Descriptions ........................... 8
Typical Performance Characteristics ........................................... 10
±1.5 V Characteristics ............................................................... 10
±5 V Characteristics................................................................... 13
±15 V Characteristics ................................................................ 16
Comparative Voltage and Variable Voltage Graphs............... 19
Theory of Operation ...................................................................... 20
Input Stage................................................................................... 20
Phase Inversion........................................................................... 20
Input Overvoltage Protection................................................... 21
Comparator Operation.............................................................. 21
Outline Dimensions....................................................................... 22
Ordering Guide .......................................................................... 24
Automotive Products................................................................. 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com