Electronic Components Datasheet Search
  English  ▼

X  

AD8510 Datasheet(PDF) 25 Page - Analog Devices

Part # AD8510
Description  Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8510 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD8510 Datasheet HTML 19Page - Analog Devices AD8510 Datasheet HTML 20Page - Analog Devices AD8510 Datasheet HTML 21Page - Analog Devices AD8510 Datasheet HTML 22Page - Analog Devices AD8510 Datasheet HTML 23Page - Analog Devices AD8510 Datasheet HTML 24Page - Analog Devices AD8510 Datasheet HTML 25Page - Analog Devices AD8510 Datasheet HTML 26Page - Analog Devices AD8510 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
Data Sheet
ADA4610-1/ADA4610-2/ADA4610-4
Rev. I | Page 25 of 27
COMPLIANT TO JEDEC STANDARDS MO-178-AA
10°
5°
0°
SEATING
PLANE
1.90
BSC
0.95 BSC
0.60
BSC
5
1
2
3
4
3.00
2.90
2.80
3.00
2.80
2.60
1.70
1.60
1.50
1.30
1.15
0.90
0.15 MAX
0.05 MIN
1.45 MAX
0.95 MIN
0.20 MAX
0.08 MIN
0.50 MAX
0.35 MIN
0.55
0.45
0.35
Figure 66. 5-Lead Small Outline Transistor Package [SOT-23]
(RJ-5)
Dimensions shown in millimeters
2.44
2.34
2.24
0.30
0.25
0.20
PIN 1 INDEX
AREA
0.80
0.75
0.70
1.70
1.60
1.50
0.203 REF
0.05 MAX
0.02 NOM
0.50 BSC
3.10
3.00 SQ
2.90
COPLANARITY
0.08
0.50
0.40
0.30
COMPLIANT
TO JEDEC STANDARDS MO-229-W3030D-4
0.20 MIN
8
1
5
4
SEATING
PLANE
TOP VIEW
SIDE VIEW
EXPOSED
PAD
BOTTOM VIEW
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET
P IN 1
IN D IC AT O R AR E A OP T IO N S
(SEE DETAIL A)
1
DETAIL A
(JEDEC 95)
Figure 67. 8-Lead Lead Frame Chip Scale Package [LFCSP]
3 mm × 3 mm Body and 0.75 mm Package Height
(CP-8-11)
Dimensions shown in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com