Electronic Components Datasheet Search
  English  ▼

X  

AD8628 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8628
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8628 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8628 Datasheet HTML 3Page - Analog Devices AD8628 Datasheet HTML 4Page - Analog Devices AD8628 Datasheet HTML 5Page - Analog Devices AD8628 Datasheet HTML 6Page - Analog Devices AD8628 Datasheet HTML 7Page - Analog Devices AD8628 Datasheet HTML 8Page - Analog Devices AD8628 Datasheet HTML 9Page - Analog Devices AD8628 Datasheet HTML 10Page - Analog Devices AD8628 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
Data Sheet
ADA4522-1/ADA4522-2/ADA4522-4
SPECIFICATIONS
analog.com
Rev. G | 7 of 33
Table 4.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
EMI Rejection Ratio of +IN/+IN x
EMIRR
VIN = 100 mV peak, f = 400 MHz
72
dB
VIN = 100 mV peak, f = 900 MHz
80
dB
VIN = 100 mV peak, f = 1800 MHz
83
dB
VIN = 100 mV peak, f = 2400 MHz
85
dB
NOISE PERFORMANCE
Total Harmonic Distortion Plus Noise
THD + N
AV = 1, f = 1 kHz, VIN = 10 V rms
BW = 80 kHz
0.0007
%
BW = 500 kHz
0.003
%
Peak-to-Peak Voltage Noise
eN p-p
AV = 100, f = 0.1 Hz to 10 Hz
117
nV p-p
Voltage Noise Density
eN
AV = 100, f = 1 kHz
5.8
nV/√Hz
Peak-to-Peak Current Noise
iN p-p
AV = 100, f = 0.1 Hz to 10 Hz
16
pA p-p
Current Noise Density
iN
AV = 100, f = 1 kHz
0.8
pA/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com