Electronic Components Datasheet Search
  English  ▼

X  

AD8546 Datasheet(PDF) 28 Page - Analog Devices

Part # AD8546
Description  OVP and EMI Protected, Precision, Low Noise and Bias Current Op Amps
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8546 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD8546 Datasheet HTML 24Page - Analog Devices AD8546 Datasheet HTML 25Page - Analog Devices AD8546 Datasheet HTML 26Page - Analog Devices AD8546 Datasheet HTML 27Page - Analog Devices AD8546 Datasheet HTML 28Page - Analog Devices AD8546 Datasheet HTML 29Page - Analog Devices AD8546 Datasheet HTML 30Page - Analog Devices AD8546 Datasheet HTML 31Page - Analog Devices AD8546 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
ADA4177-1/ADA4177-2/ADA4177-4
Data Sheet
Rev. E | Page 28 of 33
EMI PROTECTION
The ADA4177-1/ADA4177-2/ADA4177-4 inputs are also
protected from high frequency EMI. In an op amp with no EMI
protection, signals not within the bandwidth of the op amp
couple into sensitive amplifier inputs and become rectified as
they travel through the amplifier, eventually appearing as ac
feedthrough on top of a dc offset. When an input filter is not
provided, these offsets can be quite large. These offsets are
referred to as the electromagnetic interference rejection ratio
(EMIRR). The amplifier EMIRR is defined as


×
=
OS
ΔV
EMIRR
mV
100
log
20
where:
100 mV is generally the peak-to-peak input used for the test.
ΔVOS is the change in the op amp offset as a result of the input
signal.
Figure 92 shows the input EMI protection of the ADA4177-1/
ADA4177-2/ADA4177-4.
120
100
80
60
40
20
0
FREQUENCY (MHz)
10
1000
100
INPUT +IN
VSY = ±15V
RF POWER = –16dBm (50mV p-p)
Figure 92. EMI Rejection Ratio Peak Voltage vs. Frequency
SELF HEATING
During an overvoltage condition, the ADA4177-1/ADA4177-2/
ADA4177-4 dissipate heat according to the thermal resistance
(θJA) of the package it is in, which, in turn, heats up the die. Ensure
that the specified operating junction temperature does not exceed
150°C for device protection. Extended overtemperature exposure
can cause some operating specifications to shift outside of their
guaranteed limits.
As shown in Figure 88, the ADA4177-1/ADA4177-2/ADA4177-4
inputs sink by approximately 8 mA at 15 V overvoltage. In that
condition, the ADA4177-1/ADA4177-2/ADA4177-4 dissipate
120 mW of power. If the package has a θJA of 100°C/W, the
junction temperature rises by approximately 12°C over the
ambient temperature of the package and junction. In such a case,
derate the ambient operating temperature by 12°C (125°C
minus 12°C) for an absolute maximum operating temperature
of 113°C.
When the junction temperature exceeds the absolute maximum
junction temperature of 150°C, add an additional series resistance
to the inputs to further decrease the overvoltage current. Figure 93
shows the maximum operating temperature vs. the continuous
overvoltage at θJA = 150°C/W.
140
120
100
80
60
40
20
0
CONTINUOUS OVERVOLTAGE (V)
0
40
35
10
15
20
25
30
5
WITH TWO INPUTS IN OVERVOLTAGE
WITH ONE INPUT IN OVERVOLTAGE
Figure 93. Maximum Operating Temperature vs. Continuous Overvoltage for
One Input and Two Inputs (θJA = 150°C/W)
USING THE ADA4177-1/ADA4177-2/ADA4177-4
AS A COMPARATOR
The ADA4177-1/ADA4177-2/ADA4177-4 can be used as a
comparator as long as relatively small input impedance can be
tolerated. That is, the input differential pair is diode clamped
but the overvoltage protection circuitry limits the differential.
Figure 94 shows the input current vs. the input differential voltage
with ±15 V supplies.
8
–8
–6
–4
–2
0
2
4
6
INPUT DIFFERENTIAL (V)
–20
20
15
10
5
0
–5
–10
–15
Figure 94. Input Current vs. Input Differential with ±15 V Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com