Electronic Components Datasheet Search
  English  ▼

X  

AD8512 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8512
Description  Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8512 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8512 Datasheet HTML 18Page - Analog Devices AD8512 Datasheet HTML 19Page - Analog Devices AD8512 Datasheet HTML 20Page - Analog Devices AD8512 Datasheet HTML 21Page - Analog Devices AD8512 Datasheet HTML 22Page - Analog Devices AD8512 Datasheet HTML 23Page - Analog Devices AD8512 Datasheet HTML 24Page - Analog Devices AD8512 Datasheet HTML 25Page - Analog Devices AD8512 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
ADA4610-1/ADA4610-2/ADA4610-4
Data Sheet
Rev. I | Page 22 of 27
Determine the RF value by the following ratio:
V/ID
where:
V is the desired output voltage of the op amp.
ID is the diode current.
For example, if ID is 100 μA and a 10 V output voltage is
needed, RF must be 100 kΩ. The resistance of the photodiode
(RD) is a junction resistance (see Figure 59).
A typical value for RD is 1000 MΩ. Because RD >> RF, the circuit
behavior is not impacted by the effect of the junction resistance.
The maximum signal bandwidth (fMAX) is
T
F
MAX
C
R
ft
f
2
where ft is the unity-gain frequency of the op amp.
Calculate CF by
ft
R
C
C
F
T
F
2
where ft is the unity-gain frequency of the op amp, and achieves a
phase margin, φM, of approximately 45°.
Increase the CF value to obtain a higher phase margin. Setting
CF to twice the previous value yields approximately φM = 65° and a
maximal flat frequency response, but it reduces the maximum
signal bandwidth by 50%.
Using the previous parameters with a CF ≈ 7 pF, the signal
bandwidth is approximately 250 kHz.
COMPARATOR OPERATION
Although op amps are quite different from comparators,
occasionally an unused section of a dual or a quad op amp can
be used as a comparator; however, this is not recommended for
rail-to-rail output op amps. For rail-to-rail output op amps, the
output stage is generally a ratioed current mirror with bipolar or
MOSFET transistors. With the device operating in open-loop
mode, the second stage increases the current drive to the ratioed
mirror to close the loop. However, the second stage cannot close
the loop, which results in an increase in supply current. With
the ADA4610-1/ADA4610-2/ADA4610-4 op amps configured
as comparators, the supply current can be significantly higher
(see Figure 60 for the supply current vs. the supply voltage for the
ADA4610-4). Configuring an unused section as a voltage follower
with the noninverting input connected to a voltage within the
input voltage range is recommended. The ADA4610-1/ADA4610-2/
ADA4610-4 have a unique output stage design that reduces the
excess supply current but does not entirely eliminate this effect
when the op amp is operating in open-loop mode.
0
1
2
3
4
5
6
7
8
9
0
5
10
15
20
25
30
35
40
VSY (V)
COMPARATOR, VOUT = HIGH
COMPARATOR, VOUT = LOW
FOLLOWER
Figure 60. Supply Current (ISY) vs. Supply Voltage (VSY) for the ADA4610-4 Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com