Electronic Components Datasheet Search
  English  ▼

X  

OP37 Datasheet(PDF) 28 Page - Analog Devices

Part # OP37
Description  30 V, Low Noise, Rail-to-Rail Input/Output, Low Power Operational Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP37 Datasheet(HTML) 28 Page - Analog Devices

Back Button OP37 Datasheet HTML 24Page - Analog Devices OP37 Datasheet HTML 25Page - Analog Devices OP37 Datasheet HTML 26Page - Analog Devices OP37 Datasheet HTML 27Page - Analog Devices OP37 Datasheet HTML 28Page - Analog Devices OP37 Datasheet HTML 29Page - Analog Devices OP37 Datasheet HTML 30Page - Analog Devices OP37 Datasheet HTML 31Page - Analog Devices OP37 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
ADA4084-1/ADA4084-2/ADA4084-4
Data Sheet
Rev. I | Page 28 of 36
CH2 5V
CH1 100mV
CH1 AMPL
200mV
M2µs
A CH1
44mV
1
2
T 10.4%
VIN
VOUT
VSY = ±15V
Figure 102. Negative 50% Overload Recovery
1000
0
0
36
VSY (V)
100
200
300
400
500
600
700
800
900
4
8
12
16
20
24
28
32
TA = 25°C
RL = ∞
+125°C
+25°C
–40°C
+85°C
Figure 103. Supply Current (ISY) per Amplifier vs. Supply Voltage (VSY) for
Various Temperatures
–50
–25
0
25
50
75
100
125
150
TEMPERATURE (°C)
0
20
60
40
80
100
120
140
VCM = ±14V
VCM = ±1.5V
VCM = ±4V
Figure 104. CMRR vs. Temperature
–50
–25
0
25
50
75
100
125
150
TEMPERATURE (°C)
50
60
80
70
90
100
120
150
140
130
110
VSY = ±1.25V TO ±1.75V, VCM = 0V
VSY = ±2V TO ±18V, VCM = 0V
Figure 105. PSRR vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com