Electronic Components Datasheet Search
  English  ▼

X  

ADA4666-2 Datasheet(PDF) 25 Page - Analog Devices

Part # ADA4666-2
Description  OVP and EMI Protected, Precision, Low Noise and Bias Current Op Amps
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4666-2 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADA4666-2 Datasheet HTML 21Page - Analog Devices ADA4666-2 Datasheet HTML 22Page - Analog Devices ADA4666-2 Datasheet HTML 23Page - Analog Devices ADA4666-2 Datasheet HTML 24Page - Analog Devices ADA4666-2 Datasheet HTML 25Page - Analog Devices ADA4666-2 Datasheet HTML 26Page - Analog Devices ADA4666-2 Datasheet HTML 27Page - Analog Devices ADA4666-2 Datasheet HTML 28Page - Analog Devices ADA4666-2 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
Data Sheet
ADA4177-1/ADA4177-2/ADA4177-4
Rev. E | Page 25 of 33
THEORY OF OPERATION
The ADA4177-1/ADA4177-2/ADA4177-4 are precision,
bipolar op amps that integrate both input overvoltage protection
(OVP) and input EMI filtering while maintaining a low 2 nA
maximum bias current and a rail-to-rail output operation.
Figure 84 shows a conceptual schematic of the main amplifier
that uses super beta, bipolar input transistors and bias current
cancellation to minimize the input bias current. The inputs are
cascoded to protect the super beta input devices from damage
during overvoltage conditions. The cascoded inputs feed into an
active load that makes up the primary gain stage. A buffered
transconductance (gm) stage converts a differential voltage to a
differential current to drive the output stage. The rail-to-rail
output can swing to 50 mV maximum (for example, the
guaranteed room temperature limit for VOH is 14.95 V when
the positive supply is 15 V) with a 1 mA load at 25°C.
gm
Figure 84. Conceptual Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com