Electronic Components Datasheet Search
  English  ▼

X  

AD824 Datasheet(PDF) 7 Page - Analog Devices

Part # AD824
Description  Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD824 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD824 Datasheet HTML 3Page - Analog Devices AD824 Datasheet HTML 4Page - Analog Devices AD824 Datasheet HTML 5Page - Analog Devices AD824 Datasheet HTML 6Page - Analog Devices AD824 Datasheet HTML 7Page - Analog Devices AD824 Datasheet HTML 8Page - Analog Devices AD824 Datasheet HTML 9Page - Analog Devices AD824 Datasheet HTML 10Page - Analog Devices AD824 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Data Sheet
ADA4610-1/ADA4610-2/ADA4610-4
Rev. I | Page 7 of 27
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Supply Voltage
±18 V
Input Voltage
±VS
Input Current1
±10 mA
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 sec)
300°C
Electrostatic Discharge (ESD)
Human Body Model (HBM)2
2500 V
Field Induced Charge Device Model (FICDM)3
1250 V
1
The input pins have clamp diodes connected to the power supply pins. Limit
the input current to 10 mA or less whenever input signals exceed the power
supply rail by 0.3 V.
2
ESDA/JEDEC JS-001-2011 applicable standard.
3
JESD22-C101 (ESD FICDM standard of JEDEC) applicable standard.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Table 5. Thermal Resistance
Package Type
θJA1
θJC
Unit
5-Lead SOT-23
219.4
155.6
°C/W
8-Lead SOIC
120
43
°C/W
8-Lead LFCSP
57
12
°C/W
8-Lead MSOP
142
45
°C/W
14-Lead SOIC
115
36
°C/W
16-Lead LFCSP
65
3.2
°C/W
1
θJA is specified for worst-case conditions, that is, θJA is specified for a device
soldered in a circuit board for surface-mount packages.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com