Electronic Components Datasheet Search
  English  ▼

X  

IRF840AS Datasheet(PDF) 9 Page - International Rectifier

Part # IRF840AS
Description  SMPS MOSFET HEXFET짰 Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF840AS Datasheet(HTML) 9 Page - International Rectifier

Back Button IRF840AS Datasheet HTML 2Page - International Rectifier IRF840AS Datasheet HTML 3Page - International Rectifier IRF840AS Datasheet HTML 4Page - International Rectifier IRF840AS Datasheet HTML 5Page - International Rectifier IRF840AS Datasheet HTML 6Page - International Rectifier IRF840AS Datasheet HTML 7Page - International Rectifier IRF840AS Datasheet HTML 8Page - International Rectifier IRF840AS Datasheet HTML 9Page - International Rectifier IRF840AS Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IRF840AS/LPbF
www.irf.com
9
TO-262 Part Marking Information
TO-262 Package Outline
Dimensions are shown in millimeters (inches)
AS S E MB L Y
LOT CODE
R E CT IF IE R
IN T E R NAT IONAL
AS S E MB L E D ON WW 19, 1997
Note: "P" in as s embly line
pos ition indicates "L ead-F ree"
IN T H E AS S E MB LY LINE "C"
LOGO
T H IS IS AN IR L 3103L
L OT CODE 1789
EXAMP L E:
LINE C
DAT E CODE
WE E K 19
YE AR 7 = 1997
PAR T NU MB E R
PAR T NU MB E R
LOGO
LOT CODE
AS S E MB L Y
IN T E R NAT IONAL
RE CT IF IE R
PR ODU CT (OPT IONAL )
P = DE S IGNAT E S L E AD-F R E E
A = AS S E MB L Y S IT E CODE
WE E K 19
YE AR 7 = 1997
DAT E CODE
OR



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com