Electronic Components Datasheet Search
  English  ▼

X  

M1421 Datasheet(PDF) 1 Page - Alpha Wire

Part # M1421
Description  26 (7/34) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

M1421 Datasheet(HTML) 1 Page - Alpha Wire

  M1421 Datasheet HTML 1Page - Alpha Wire M1421 Datasheet HTML 2Page - Alpha Wire M1421 Datasheet HTML 3Page - Alpha Wire M1421 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. M1421
Construction
 
Diameters (In)
1) Component 1
1 X 1 COND
 
a) Conductor
26 (7/34) AWG Tinned Copper
0.019
b) Insulation
0.010" Wall, Nom. PVC/ 0.003" Wall NYLON
0.045
(1) Color Code
Alpha Wire Color Code P
Cond
Color
Cond
Color
Cond
Color
1
WHITE
 
 
2) Shield
Tinned Copper BRAID Shield,90% Coverage, Min.
 
3) Jacket
0.010" Wall, Nom.,PVC
0.083 (0.090 Max.)
a) Color(s)
WHITE
b) Print
ALPHA WIRE-* P/N M1421 1C 26 AWG
CE ROHS
* = Factory Code
Applicable Specifications
1) UL
VW-1
 
2) Military
 
 
a) Component 1
MIL-W-16878/Type B/N
105°C / 600 VRMS
3) CE:
EU Low Voltage Directive 2014/35/EU
Environmental


Similar Part No. - M1421

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
M1422 ALPHAWIRE-M1422 Datasheet
406Kb / 4P
26 (7/34) AWG Tinned Copper
M1423 ALPHAWIRE-M1423 Datasheet
406Kb / 4P
26 (7/34) AWG Tinned Copper
logo
STMicroelectronics
M14256 STMICROELECTRONICS-M14256 Datasheet
277Kb / 13P
Memory Micromodules General Information for D1, D2 and C Packaging
Dec-1999
M14256 STMICROELECTRONICS-M14256 Datasheet
111Kb / 12P
Memory Card IC 256/128 Kbit Serial I²C Bus EEPROM
Oct-1999
More results

Similar Description - M1421

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
Molex Electronics Ltd.
0082266806 MOLEX3-0082266806 Datasheet
275Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable - 26 AWG (7 x 34) Stranded Tinned, 6 Circuits
0082266839 MOLEX3-0082266839 Datasheet
275Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable - 26 AWG (7 x 34) Stranded Tinned, 39 Circuits
0082266821 MOLEX3-0082266821 Datasheet
275Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable - 26 AWG (7 x 34) Stranded Tinned, 21 Circuits
0082266814 MOLEX3-0082266814 Datasheet
283Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable - 26 AWG (7 x 34) Stranded Tinned, 14 Circuits
0082266834 MOLEX3-0082266834 Datasheet
283Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable - 26 AWG (7 x 34) Stranded Tinned, 34 Circuits
0082266807 MOLEX3-0082266807 Datasheet
275Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable - 26 AWG (7 x 34) Stranded Tinned, 7 Circuits
0082266824 MOLEX3-0082266824 Datasheet
283Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable - 26 AWG (7 x 34) Stranded Tinned, 24 Circuits
0082266841 MOLEX3-0082266841 Datasheet
275Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable - 26 AWG (7 x 34) Stranded Tinned, 41 Circuits
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com