Electronic Components Datasheet Search
  English  ▼

X  

IRF840AL Datasheet(PDF) 10 Page - International Rectifier

Part # IRF840AL
Description  SMPS MOSFET HEXFET짰 Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF840AL Datasheet(HTML) 10 Page - International Rectifier

Back Button IRF840AL Datasheet HTML 2Page - International Rectifier IRF840AL Datasheet HTML 3Page - International Rectifier IRF840AL Datasheet HTML 4Page - International Rectifier IRF840AL Datasheet HTML 5Page - International Rectifier IRF840AL Datasheet HTML 6Page - International Rectifier IRF840AL Datasheet HTML 7Page - International Rectifier IRF840AL Datasheet HTML 8Page - International Rectifier IRF840AL Datasheet HTML 9Page - International Rectifier IRF840AL Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRF840AS/LPbF
10
www.irf.com
 Repetitive rating; pulse width limited by
max. junction temperature. (See fig. 11)
ƒ ISD ≤ 8.0A, di/dt ≤ 100A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
Notes:
‚ Starting TJ = 25°C, L = 16mH
RG = 25Ω, IAS = 8.0A. (See Figure 12)
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS
† Uses IRF840A data and test conditions
* When mounted on 1" square PCB ( FR-4 or G-10 Material ).
For recommended footprint and soldering techniques refer to application note #AN-994.
D2Pak Tape & Reel Infor-
3
4
4
TR R
F E E D D IRE CT IO N
1.85 (.07 3 )
1.65 (.06 5 )
1.60 (.06 3 )
1.50 (.05 9 )
4.10 (.161)
3.90 (.153)
TR L
F E E D DIRE CT IO N
10. 90 (.429 )
10. 70 (.421 )
16.10 (.6 3 4 )
15.90 (.6 2 6 )
1.7 5 (.069 )
1.2 5 (.049 )
1 1 .60 (.457 )
1 1 .40 (.449 )
15.4 2 (.609 )
15.2 2 (.601 )
4.7 2 (.136 )
4.5 2 (.178 )
24.30 ( .957 )
23.90 ( .941 )
0.3 68 (.014 5 )
0.3 42 (.013 5 )
1 .60 (.0 6 3 )
1 .50 (.0 5 9 )
13.50 (.532)
12.80 (.504)
330.00
(14.173)
MA X.
27.40 (1.079 )
23.90 (.941)
60.00 (2.362)
M IN .
30.40 (1.197 )
M A X .
26.40 (1.039)
24.40 (.961)
NO T E S :
1. C O M F O R M S TO E IA -418.
2 . C O NT R O LL IN G DIM E NS IO N: M IL L IM E T E R.
3 . D IM E NS IO N M EASUR E D @ HU B.
4 . IN CL U D E S F LA N GE D IS T OR T ION @ OU T E R E D GE .
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 04/04



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com