Electronic Components Datasheet Search
  English  ▼

X  

M4633 Datasheet(PDF) 2 Page - Alpha Wire

Part # M4633
Description  22 (7/30) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

M4633 Datasheet(HTML) 2 Page - Alpha Wire

  M4633 Datasheet HTML 1Page - Alpha Wire M4633 Datasheet HTML 2Page - Alpha Wire M4633 Datasheet HTML 3Page - Alpha Wire M4633 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Environmental
1) CE: EU Directive 2011/65/EU(RoHS2), EU Directive 2015/863/EU
(RoHS3):
 
This product complies with European Directive 2011/65/EU (RoHS
Directive) of the European Parliament and of the Council of 8 June
2011 and the amending Directive 2015/863/EU of 4 June 2015 . No
Exemptions are required for RoHS Compliance on this item.
2) REACH Regulation (EC 1907/2006):
 
This product does not contain Substances of Very High Concern
(SVHC) listed on the European Union's REACH candidate list in
excess of 0.1% mass of the item.
3) California Proposition 65:
This product may contain substances known to the State of
California to cause Cancer or Reproductive Harm, but is exempt
from labeling based on the Consent Judgement. See the Alpha
Wire website for more information.
Properties
Physical & Mechanical Properties
1) Temperature Range
-20 to 80°C
2) Bend Radius
10X Cable Diameter
3) Pull Tension
16.5 Lbs, Maximum
Electrical Properties
(For Engineering purposes only)
1) Voltage Rating
300 VRMS
2) Capacitance
38 pF/ft @1 kHz, Nominal Conductor to Conductor
3) Ground Capacitance
68 pF/ft @1 kHz, Nominal
4) Characteristic Impedance
49 Ω
5) Inductance
0.18 μH/ft, Nominal
6) Conductor DCR
16.3 Ω/1000ft @20°C, Nominal
7) OA Shield DCR
13.6 Ω/1000ft @20°C, Nominal
Other
Packaging
Flange x Traverse x Barrel (inches)
a) 1000 FT
12 x 5.94 x 5 Continuous length
b) 500 FT
10.5 x 5 x 3.5 Continuous length
c) 100 FT
6.5 x 2 x 1.9 Continuous length
d) Bulk(Made-to-order)
 
 
[Spool dimensions may vary slightly]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com