Electronic Components Datasheet Search
  English  ▼

X  

TLV2770AIP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2770AIP
Description  FAMILY OF 2.7-HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2770AIP Datasheet(HTML) 2 Page - Texas Instruments

  TLV2770AIP Datasheet HTML 1Page - Texas Instruments TLV2770AIP Datasheet HTML 2Page - Texas Instruments TLV2770AIP Datasheet HTML 3Page - Texas Instruments TLV2770AIP Datasheet HTML 4Page - Texas Instruments TLV2770AIP Datasheet HTML 5Page - Texas Instruments TLV2770AIP Datasheet HTML 6Page - Texas Instruments TLV2770AIP Datasheet HTML 7Page - Texas Instruments TLV2770AIP Datasheet HTML 8Page - Texas Instruments TLV2770AIP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 65 page
background image
TLV277x, TLV277xA
FAMILY OF 2.7V HIGHSLEW RATE RAILTORAIL OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS209G − JANUARY 1998 − REVISED FEBRUARY 2004
2
WWW.TI.COM
TLV2770 and TLV2771 AVAILABLE OPTIONS
VIOmax AT 25°C
PACKAGED DEVICES
TA
VIOmax AT 25°C
(mV)
SMALL OUTLINE
(D)
SOT-23
(DBV)
MSOP
(DGK)
PLASTIC DIP
(P)
0
°C to 70°C
2.5
TLV2770CD
TLV2771CD
—
TLV2771CDBV
TLV2770CDGK†
—
TLV2770CP
—
−40
°C to 125°C
2.5
TLV2770ID
TLV2771ID
—
TLV2771IDBV
TLV2770IDGK†
—
TLV2770IP
—
−40
°C to 125°C
1.6
TLV2770AID
TLV2771AID
—
—
—
—
TLV2770AIP
—
† This device is in the Product Preview stage of development. Please contact your local TI sales office for availability.
TLV2772 and TLV2773 AVAILABLE OPTIONS
VIOmax AT 25°C
PACKAGED DEVICES
TA
VIOmax AT 25°C
(mV)
SMALL OUTLINE
(D)
MSOP
(DGK)
MSOP
(DGS)
PLASTIC DIP
(N)
PLASTIC DIP
(P)
0
°C to 70°C
2.5
TLV2772CD
TLV2773CD
TLV2772CDGK
—
—
TLV2773CDGS
—
TLV2773CN
TLV2772CP
—
−40
°C to 125°C
2.5
TLV2772ID
TLV2773ID
TLV2772IDGK
—
—
TLV2773IDGS
—
TLV2773IN
TLV2772IP
—
−40
°C to 125°C
1.6
TLV2772AID
TLV2773AID
—
—
—
—
—
TLV2773AIN
TLV2772AIP
—
TLV2774 and TLV2775 AVAILABLE OPTIONS
VIOmax AT 25°C
PACKAGED DEVICES
TA
VIOmax AT 25°C
(mV)
SMALL OUTLINE
(D)
PLASTIC DIP
(N)
PLASTIC DIP
(P)
TSSOP
(PW)
0
°C to 70°C
2.7
TLV2774CD
TLV2775CD
—
TLV2775CN
TLV2774CP
—
TLV2774CPW
TLV2775CPW
−40
°C to 125°C
2.7
TLV2774ID
TLV2775ID
—
TLV2775IN
TLV2774IP
—
TLV2774IPW
TLV2775IPW
−40
°C to 125°C
2.1
TLV2774AID
TLV2775AID
—
TLV2775AIN
TLV2774AIP
—
TLV2774AIPW
TLV2775AIPW
TLV2772M/Q AND TLV2772AM/Q AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax AT 25°C
(mV)
SMALL
OUTLINE
(D)
CHIP CARRIER
(FK)
CERAMIC DIP
(JG)
CERAMIC
FLATPACK
(U)
TSSOP
(PW)
−40
°C to 125°C
2.5
TLV2772QD‡
—
—
—
TLV2772QPW‡
−40
°C to 125°C
1.6
TLV2772AQD‡
—
—
—
TLV2772AQPW‡
−55
°C to 125°C
2.5
TLV2772MD
TLV2772MFK
TLV2772MJG
TLV2772MU
—
−55
°C to 125°C
1.6
TLV2772AMD
TLV2772AMFK
TLV2772AMJG
TLV2772AMU
—
‡ Available in tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com