Electronic Components Datasheet Search
  English  ▼

X  

TDA9817 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA9817
Description  Single/multistandard VIF/SIF-PLL and FM-PLL/AM demodulators
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9817 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA9817 Datasheet HTML 1Page - NXP Semiconductors TDA9817 Datasheet HTML 2Page - NXP Semiconductors TDA9817 Datasheet HTML 3Page - NXP Semiconductors TDA9817 Datasheet HTML 4Page - NXP Semiconductors TDA9817 Datasheet HTML 5Page - NXP Semiconductors TDA9817 Datasheet HTML 6Page - NXP Semiconductors TDA9817 Datasheet HTML 7Page - NXP Semiconductors TDA9817 Datasheet HTML 8Page - NXP Semiconductors TDA9817 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
2004 Jun 29
2
Philips Semiconductors
Product specification
Single/multistandard VIF/SIF-PLL and
FM-PLL/AM demodulators
TDA9817; TDA9818
FEATURES
• 5 V supply voltage
• Applicable for Intermediate Frequencies (IFs) of
38.9, 45.75 and 58.75 MHz
• Gain controlled wide band Video IF (VIF) amplifier
(AC-coupled)
• True synchronous demodulation with active carrier
regeneration (very linear demodulation, good
intermodulation figures, reduced harmonics and
excellent pulse response)
• Robustness for over-modulation better than 105% due
to gated phase detector at L/L accent standard and
PLL-bandwidth control at negative modulated standards
• Voltage Controlled Oscillator (VCO) frequency
switchable between L and L accent (alignment external)
picture carrier frequency
• VIF Automatic Gain Control (AGC) detector for gain
control, operating as peak sync detector for B/G, peak
white detector for L; signal controlled reaction time for L
• Tuner AGC with adjustable TakeOver Point (TOP)
• Automatic Frequency Control (AFC) detector without
extra reference circuit
• AC-coupled limiter amplifier for sound intercarrier signal
• Alignment-free FM Phase-Locked Loop (PLL)
demodulator with high linearity
• Sound IF (SIF) input for single reference Quasi Split
Sound (QSS) mode (PLL controlled); SIF AGC detector
for gain controlled SIF amplifier; single reference QSS
mixer able to operate in high performance single
reference QSS mode and in intercarrier mode
• AM demodulator without extra reference circuit
• Stabilizer circuit for ripple rejection and to achieve
constant output signals
• ElectroStatic Discharge (ESD) protection for all pins.
GENERAL DESCRIPTION
The TDA9817 is an integrated circuit for single standard
vision IF signal processing and FM demodulation.
The TDA9818 is an integrated circuit for multistandard
vision IF signal processing, sound AM and FM
demodulation.
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA9817T
SO24
plastic small outline package; 24 leads; body width 7.5 mm
SOT137-1
TDA9817TS
SSOP24
plastic shrink small outline package; 24 leads; body width 5.3 mm
SOT340-1
TDA9818
SDIP24
plastic shrink dual in-line package; 24 leads (400 mil)
SOT234-1
TDA9818T
SO24
plastic small outline package; 24 leads; body width 7.5 mm
SOT137-1
TDA9818TS
SSOP24
plastic shrink small outline package; 24 leads; body width 5.3 mm
SOT340-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com