Electronic Components Datasheet Search
  English  ▼

X  

AD704 Datasheet(PDF) 1 Page - Analog Devices

Part # AD704
Description  Picoampere Input Current Quad Bipolar Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD704 Datasheet(HTML) 1 Page - Analog Devices

  AD704_V01 Datasheet HTML 1Page - Analog Devices AD704_V01 Datasheet HTML 2Page - Analog Devices AD704_V01 Datasheet HTML 3Page - Analog Devices AD704_V01 Datasheet HTML 4Page - Analog Devices AD704_V01 Datasheet HTML 5Page - Analog Devices AD704_V01 Datasheet HTML 6Page - Analog Devices AD704_V01 Datasheet HTML 7Page - Analog Devices AD704_V01 Datasheet HTML 8Page - Analog Devices AD704_V01 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Picoampere Input Current Quad
Bipolar Op Amp
AD704
Rev.
E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©
2001-2010 Analog Devices, Inc. All rights reserved.
FEATURES
High dc precision
150 µV maximum offset voltage
1.5 µV/°C maximum offset voltage drift
270 pA maximum input bias current
0.3 pA/°C typical IB drift
Low noise: 0.5 µV p-p
Typical noise: 0.1 Hz to 10 Hz
Low power: 600 µA maximum supply current per amplifier
Dual version: AD706
APPLICATIONS
Industrial/process controls
Weigh scales
ECG/EKG instrumentation
Low frequency active filters
GENERAL DESCRIPTION
The AD704 is a quad, low power bipolar op amp that has the
low input bias current of a BiFET amplifier and offers a signifi-
cantly lower IB drift over temperature. It uses superbeta bipolar
input transistors to achieve picoampere input bias current levels
(similar to FET input amplifiers at room temperature), while its
IB typically increases only by 5× at 125°C (unlike a BiFET amp,
for which IB doubles every 10°C, resulting in a 1000× increase at
125°C). In addition, the AD704 achieves 150 μV offset voltage and
the low noise characteristics of a precision bipolar input op amp.
Because it has only 1/20 the input bias current of an OP07, the
AD704 does not require the commonly used balancing resistor.
Furthermore, the current noise is 1/5 that of the OP07, which
makes the AD704 usable with much higher source impedances.
At 1/6 the supply current (per amplifier) of the OP07, the
AD704 is better suited for today’s higher density circuit boards
and battery-powered applications.
The AD704 is an excellent choice for use in low frequency active
filters in 12- and 14-bit data acquisition systems, in precision
instrumentation, and as a high quality integrator. The AD704 is
internally compensated for unity gain stability. The AD704J is
rated over the commercial temperature range of 0°C to 70°C.
The AD704A is rated over the industrial temperature of −40°C
to +85°C. The AD704S is rated over the military temperature
range of −55°C to +125°C, processed to MIL-STD-883B.
CONNECTION DIAGRAMS
OUTPUT
1
–IN
2
+IN
3
+VS 4
OUTPUT
14
–IN
13
+IN
12
–VS
11
+IN
5
–IN
6
OUTPUT
7
+IN
10
–IN
9
OUTPUT
8
1
4
2
3
AD704
TOP VIEW
(Not to Scale)
OUTPUT
1
–IN
2
+IN
3
+VS 4
OUTPUT
16
–IN
15
+IN
14
–VS
13
+IN
5
–IN
6
OUTPUT
7
8
+IN
12
–IN
11
OUTPUT
NC
NC
10
9
1
4
2
3
AD704
TOP VIEW
(Not to Scale)
NC = NO CONNECT
Figure 1. 14-Lead Plastic DIP (N)
Figure 2. 16-Lead SOIC (R) Package
4
+IN1
5
NC
6
+VS
7
NC
8
+IN2
NC = NO CONNECT
18
+IN4
17
NC
16
–VS
15
NC
14
+IN3
13
12
11
10
9
19
20
1
2
3
1
4
2
3
AD704
TOP VIEW
(Not to Scale)
Figure 3. 20-Terminal LCC
(E-20-1) Package
100
10
1
0.1
0.01
–55
25
125
TEMPERATURE (°C)
TYPICAL JFET AMP
AD704
Figure 4. Input Bias Current Over Temperature
Table 1. Low IB @ 125°C
Model
30V
16V
1.3 to 5V
Next Generation
Single
N/A
AD8663
AD8603
N/A
Dual
AD706
AD8667
AD8607
AD8622
Quad
AD704
AD8669
AD8609
AD8624


Similar Part No. - AD704_V01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD704-00 ETC2-AD704-00 Datasheet
159Kb / 12P
Package Drawings and Specifications
logo
Analog Devices
AD704AN AD-AD704AN Datasheet
397Kb / 8P
Quad Picoampere Input Current Bipolar Op Amp
REV.A
AD704AN AD-AD704AN Datasheet
225Kb / 12P
Quad Picoampere Input Current Bipolar Op Amp
REV. C
AD704AQ AD-AD704AQ Datasheet
397Kb / 8P
Quad Picoampere Input Current Bipolar Op Amp
REV.A
AD704AR AD-AD704AR Datasheet
397Kb / 8P
Quad Picoampere Input Current Bipolar Op Amp
REV.A
More results

Similar Description - AD704_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD704 AD-AD704 Datasheet
397Kb / 8P
Quad Picoampere Input Current Bipolar Op Amp
REV.A
AD705 AD-AD705 Datasheet
451Kb / 8P
Picoampere Input Current Bipolar Op Amp
REV.B
AD706 AD-AD706 Datasheet
246Kb / 8P
Dual Picoampere Input Current Bipolar Op Amp
REV.C
AD704 AD-AD704_02 Datasheet
225Kb / 12P
Quad Picoampere Input Current Bipolar Op Amp
REV. C
AD706JRZ-REEL7 AD-AD706JRZ-REEL7 Datasheet
230Kb / 12P
Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD704AR-16 AD-AD704AR-16 Datasheet
267Kb / 16P
Picoampere Input Current Quad Bipolar Op Amp
Rev. E
AD706ARZ AD-AD706ARZ Datasheet
191Kb / 12P
Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706JRZ AD-AD706JRZ Datasheet
230Kb / 12P
Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD705 AD-AD705_15 Datasheet
559Kb / 3P
PICOAMPERE INPUT CURRENT BIPOLAR OP AMP
REV. A
AD704 AD-AD704_15 Datasheet
267Kb / 16P
Picoampere Input Current Quad Bipolar Op Amp
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com