Electronic Components Datasheet Search
  English  ▼

X  

AD706 Datasheet(PDF) 12 Page - Analog Devices

Part # AD706
Description  Picoampere Input Current Quad Bipolar Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD706 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD706 Datasheet HTML 8Page - Analog Devices AD706 Datasheet HTML 9Page - Analog Devices AD706 Datasheet HTML 10Page - Analog Devices AD706 Datasheet HTML 11Page - Analog Devices AD706 Datasheet HTML 12Page - Analog Devices AD706 Datasheet HTML 13Page - Analog Devices AD706 Datasheet HTML 14Page - Analog Devices AD706 Datasheet HTML 15Page - Analog Devices AD706 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD704
Rev. E | Page 12 of 16
The 1 Hz, four-pole active filter offers dc precision with a
minimum of components and cost. The low current noise,
IOS, and IB allow the use of 1 MΩ resistors without sacrificing
the 1 μV/°C drift of the AD704. This means that lower capacitor
values can be used, reducing cost and space. Furthermore,
because the AD704’s IB is as low as its IOS, over most of the MIL
temperature range, most applications do not require the use of
the normal balancing resistor (with its stability capacitor).
Adding the optional balancing resistor enhances performance at
high temperatures, as shown in Figure 36. Table 5 gives
capacitor values for several common low pass responses.
180
120
60
0
–60
–120
–180
–40
0
40
80
120
TEMPERATURE (°C)
WITHOUT OPTIONAL
BALANCE RESISTOR, R3
WITH OPTIONAL
BALANCE RESISTOR, R3
Figure 36. VOS vs. Temperature Performance of the 1 Hz Filter Circuit
Table 5. 1 Hz, Four-Pole Low-Pass Filter Recommended Component Values1
Desired Low Pass
Response
Section 1
Frequency (Hz)
Q
Section 2
Frequency (Hz)
Q
C1 ( µF)
C2 (µF)
C3 (µF)
C4 (µF)
Bessel
1.43
0.522
1.60
0.806
0.116
0.107
0.160
0.0616
Butterworth
1.00
0.541
1.00
1.31
0.172
0.147
0.416
0.0609
0.1 dB Chebychev
0.648
0.619
0.948
2.18
0.304
0.198
0.733
0.0385
0.2 dB Chebychev
0.603
0.646
0.941
2.44
0.341
0.204
0.823
0.0347
0.5 dB Chebychev
0.540
0.705
0.932
2.94
0.416
0.209
1.00
0.0290
1.0 dB Chebychev
0.492
0.785
0.925
3.56
0.508
0.206
1.23
0.0242
1
Specified values are for a −3 dB point of 1.0 Hz. For other frequencies, simply scale the C1 through C4 capacitors directly; that is, for a 3 Hz Bessel response,
C1 = 0.0387 μF, C2 = 0.0357 μF, C3 = 0.0533 μF, and C4 = 0.0205 μF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com