Electronic Components Datasheet Search
  English  ▼

X  

AD8622 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8622
Description  Picoampere Input Current Quad Bipolar Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8622 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8622 Datasheet HTML 3Page - Analog Devices AD8622 Datasheet HTML 4Page - Analog Devices AD8622 Datasheet HTML 5Page - Analog Devices AD8622 Datasheet HTML 6Page - Analog Devices AD8622 Datasheet HTML 7Page - Analog Devices AD8622 Datasheet HTML 8Page - Analog Devices AD8622 Datasheet HTML 9Page - Analog Devices AD8622 Datasheet HTML 10Page - Analog Devices AD8622 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD704
Rev. E | Page 7 of 16
50
40
30
20
10
0
–0.8
–0.4
0
0.4
0.8
INPUT OFFSET VOLTAGE DRIFT (µV/°C)
Figure 13. Typical Distribution of Input Offset Voltage Drift
4
3
2
1
0
0
1
2
3
4
5
WARM-UP TIME (Minutes)
Figure 14. Change in Input Offset Voltage vs. Warm-Up Time
120
100
80
60
40
20
0
–15
–10
–5
0
5
10
15
COMMON-MODE VOLTAGE (V)
POSITIVE IB
NEGATIVE IB
Figure 15. Input Bias Current vs. Common-Mode Voltage
1k
100
10
1
1
10
100
1k
FREQUENCY (Hz)
Figure 16. Input Noise Voltage Spectral Density
1k
100
10
1
1
10
100
1k
FREQUENCY (Hz)
100
Ω
20M
Ω
10k
Ω
VOUT
Figure 17. Input Noise Current Spectral Density
0
5
10
TIME (Seconds)
0.5µV
Figure 18. 0.1 Hz to 10 Hz Noise Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com