Electronic Components Datasheet Search
  English  ▼

X  

AD8012 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8012
Description  Dual 350 MHz Low Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8012 Datasheet(HTML) 2 Page - Analog Devices

  AD8012 Datasheet HTML 1Page - Analog Devices AD8012 Datasheet HTML 2Page - Analog Devices AD8012 Datasheet HTML 3Page - Analog Devices AD8012 Datasheet HTML 4Page - Analog Devices AD8012 Datasheet HTML 5Page - Analog Devices AD8012 Datasheet HTML 6Page - Analog Devices AD8012 Datasheet HTML 7Page - Analog Devices AD8012 Datasheet HTML 8Page - Analog Devices AD8012 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
REV.
C
–2–
AD8012–SPECIFICATIONS
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Small Signal Bandwidth
G = +1, VOUT < 0.4 V p-p, RL = 1 k
Ω
270
350
MHz
G=+2, VOUT < 0.4 V p-p, RL = 1 k
Ω
95
150
MHz
G=+2, VOUT < 0.4 V p-p, RL = 100
Ω
90
MHz
0.1 dB Bandwidth
VOUT < 0.4 V p-p, RL = 1 k
Ω/100 Ω
40/23
MHz
Large Signal Bandwidth
VOUT = 4 V p-p
75
MHz
Slew Rate
VOUT = 4 V p-p
2,250
V/
µs
Rise and Fall Time
VOUT = 2 V p-p
3
ns
Settling Time
0.1%, VOUT = 2 V p-p
20
ns
0.02%, VOUT = 2 V p-p
35
ns
Overdrive Recovery
2
Overdrive
60
ns
NOISE/HARMONIC PERFORMANCE
Distortion
VOUT = 2 V p-p, G = +2
Second Harmonic
500 kHz, RL = 1 k
Ω/100 Ω
–89/–73
dBc
5 MHz, RL = 1 k
Ω/100 Ω
–78/–62
dBc
Third Harmonic
500 kHz, RL = 1 k
Ω/100 Ω
–84/–72
dBc
5 MHz, RL = 1 k
Ω/100 Ω
–66/–52
dBc
Output IP3
500 kHz,
∆f = 10 kHz, R
L = 1 k
Ω/100 Ω
30/40
dBm
IMD
500 kHz,
∆f = 10 kHz, R
L = 1 k
Ω/100 Ω
–79/–77
dBc
Crosstalk
5 MHz, RL = 100
Ω
–70
dB
Input Voltage Noise
f = 10 kHz
2.5
nV/
√Hz
Input Current Noise
f = 10 kHz, +Input, –Input
15
pA/
√Hz
Differential Gain
f = 3.58 MHz, RL = 150
Ω/1 kΩ, G = +2
0.02/0.02
%
Differential Phase
f = 3.58 MHz, RL = 150
Ω/1 kΩ, G = +2
0.3/0.06
Degrees
DC PERFORMANCE
Input Offset Voltage
±1.5
±4mV
TMIN–TMAX
±5mV
Open-Loop Transimpedance
VOUT =
±2 V, R
L = 100
Ω
240
500
k
Ω
TMIN–TMAX
200
k
Ω
INPUT CHARACTERISTICS
Input Resistance
+Input
450
k
Ω
Input Capacitance
+Input
2.3
pF
Input Bias Current
+Input, –Input
±3
±12
µA
+Input, –Input, TMIN–TMAX
±15
µA
Common-Mode Rejection Ratio
VCM =
±2.5 V
–56
–60
dB
Input Common-Mode Voltage Range
±3.8
±4.1
V
OUTPUT CHARACTERISTICS
Output Resistance
G = +2
0.1
Ω
Output Voltage Swing
±3.85
±4V
Output Current
TMIN–TMAX
70
125
mA
Short-Circuit Current
500
mA
POWER SUPPLY
Supply Current/Amp
1.7
1.8
mA
TMIN–TMAX
1.9
mA
Operating Range
Dual Supply
±1.5
±6.0
V
Power Supply Rejection Ratio
–58
–60
dB
Specifications subject to change without notice.
DUAL SUPPLY (@ T
A = 25 C, VS =
5 V, G = +2, RL = 100
, RF = RG = 750
, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com