Electronic Components Datasheet Search
  English  ▼

X  

AD8012ARZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD8012ARZ
Description  Dual 350 MHz Low Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8012ARZ Datasheet(HTML) 3 Page - Analog Devices

  AD8012ARZ Datasheet HTML 1Page - Analog Devices AD8012ARZ Datasheet HTML 2Page - Analog Devices AD8012ARZ Datasheet HTML 3Page - Analog Devices AD8012ARZ Datasheet HTML 4Page - Analog Devices AD8012ARZ Datasheet HTML 5Page - Analog Devices AD8012ARZ Datasheet HTML 6Page - Analog Devices AD8012ARZ Datasheet HTML 7Page - Analog Devices AD8012ARZ Datasheet HTML 8Page - Analog Devices AD8012ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
REV.
C
AD8012
–3–
SINGLE SUPPLY
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Small Signal Bandwidth
G = +1, VOUT < 0.4 V p-p, RL = 1 k
Ω
220
300
MHz
G=+2, VOUT < 0.4 V p-p, RL = 1 k
Ω
90
140
MHz
G=+2, VOUT < 0.4 V p-p, RL = 100
Ω
85
MHz
0.1 dB Bandwidth
VOUT < 0.4 V p-p, RL = 1 k
Ω/100 Ω
43/24
MHz
Large Signal Bandwidth
VOUT = 2 V p-p
60
MHz
Slew Rate
VOUT = 3 V p-p
1,200
V/
µs
Rise and Fall Time
VOUT = 2 V p-p
2
ns
Settling Time
0.1%, VOUT = 2 V p-p
25
ns
0.02%, VOUT = 2 V p-p
40
ns
Overdrive Recovery
2
Overdrive
60
ns
NOISE/HARMONIC PERFORMANCE
Distortion
VOUT = 2 V p-p, G = +2
Second Harmonic
500 kHz, RL = 1 k
Ω/100 Ω
–87/–71
dBc
5 MHz, RL = 1 k
Ω/100 Ω
–77/–61
dBc
Third Harmonic
500 kHz, RL = 1 k
Ω/100 Ω
–89/–72
dBc
5 MHz, RL = 1 k
Ω/100 Ω
–78/–52
dBc
Output IP3
500 kHz, RL = 1 k
Ω/100 Ω
30/40
dBm
IMD
500 kHz, RL = 1 k
Ω/100 Ω
–77/–80
dBc
Crosstalk
5 MHz, RL = 100
Ω
–70
dB
Input Voltage Noise
f = 10 kHz
2.5
nV/
√Hz
Input Current Noise
f = 10 kHz, +Input, –Input
15
pA/
√Hz
Black Level Clamped to +2 V, f = 3.58 MHz
Differential Gain
RL = 150
Ω/1 kΩ
0.03/0.03
%
Differential Phase
RL = 150
Ω/1 kΩ
0.4/0.08
Degrees
DC PERFORMANCE
Input Offset Voltage
±1
±3mV
TMIN–TMAX
±4mV
Open-Loop Transimpedance
VOUT = 2 V p-p, RL = 100
Ω
200
400
k
Ω
TMIN–TMAX
150
k
Ω
INPUT CHARACTERISTICS
Input Resistance
+Input
450
k
Ω
Input Capacitance
+Input
2.3
pF
Input Bias Current
+Input, –Input
±3
±12
µA
+Input, –Input, TMIN–TMAX
±15
µA
Common-Mode Rejection Ratio
VCM = 1.5 V to 3.5 V
–56
–60
dB
Input Common-Mode Voltage Range
1.5 to 3.5
1.2 to 3.8
V
OUTPUT CHARACTERISTICS
Output Resistance
G = +2
0.1
Ω
Output Voltage Swing
1 to 4
0.9 to 4.2
V
Output Current
TMIN–TMAX
50
100
mA
Short-Circuit Current
500
mA
POWER SUPPLY
Supply Current/Amp
1.55
1.75
mA
TMIN–TMAX
1.85
mA
Operating Range
Single Supply
3
12
V
Power Supply Rejection Ratio
–58
–60
dB
Specifications subject to change without notice.
(@ TA = 25 C, VS = +5 V, G = +2, RL = 100
, RF = RG = 750
, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com