Electronic Components Datasheet Search
  English  ▼

X  

AD8045ARDZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD8045ARDZ
Description  3 nV/√Hz, Ultralow Distortion, High Speed Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8045ARDZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8045ARDZ Datasheet HTML 7Page - Analog Devices AD8045ARDZ Datasheet HTML 8Page - Analog Devices AD8045ARDZ Datasheet HTML 9Page - Analog Devices AD8045ARDZ Datasheet HTML 10Page - Analog Devices AD8045ARDZ Datasheet HTML 11Page - Analog Devices AD8045ARDZ Datasheet HTML 12Page - Analog Devices AD8045ARDZ Datasheet HTML 13Page - Analog Devices AD8045ARDZ Datasheet HTML 14Page - Analog Devices AD8045ARDZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
AD8045
Rev. C | Page 11 of 24
OUTPUT VOLTAGE (V p-p)
3.0
0.5
1.0
1.5
2.0
2.5
–40
–50
–60
–70
–80
–90
–100
–110
HD3 SOIC AND LFCSP
HD2 SOIC
HD2 LFCSP
G = +1
VS = +5V
RL = 1kΩ
RS = 100Ω
f = 10MHz
Figure 31. Harmonic Distortion vs. Output Voltage for Various Packages
OUTPUT VOLTAGE (V p-p)
2.5
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
–40
–60
–50
–70
–80
–90
–100
–110
G = +1
VS = +5V
RL = 150Ω
RS = 100Ω
f = 10MHz
HD3 SOIC AND LFCSP
HD2 SOIC
HD2 LFCSP
Figure 32. Harmonic Distortion vs. Output Voltage for Various Packages
OUTPUT VOLTAGE STEP (V)
5
0
1
2
3
4
1600
1400
1200
1000
800
600
400
200
0
RL = 1kΩ
VS = ±5V
POSITIVE SLEW RATE
NEGATIVE SLEW RATE
Figure 33. Slew Rate vs. Output Voltage
TIME (ns)
25
0
5
10
15
20
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
RS = 100Ω
RL = 150Ω
G = +1
VS = ±2.5
OR VS = ±5V
Figure 34. Small Signal Transient Response for Various Supplies and Loads
RSNUB
30
Ω
CL
10pF
RL
1k
Ω
TIME (ns)
25
0
5
10
15
20
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
RL = 1kΩ
CL = 10pF
RSNUB = 30Ω
VS = ±5V
G = +1
Figure 35. Small Signal Transient Response for Various Supplies and Loads
TIME (ns)
25
0
5
10
15
20
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
VS = ±2.5V
G = +2
RC = 1kΩ
OR RC = 150kΩ
Figure 36. Small Signal Transient Response for Various Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com