Electronic Components Datasheet Search
  English  ▼

X  

AD8038ARZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD8038ARZ
Description  Low Power, 350 MHz Voltage Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8038ARZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8038ARZ Datasheet HTML 8Page - Analog Devices AD8038ARZ Datasheet HTML 9Page - Analog Devices AD8038ARZ Datasheet HTML 10Page - Analog Devices AD8038ARZ Datasheet HTML 11Page - Analog Devices AD8038ARZ Datasheet HTML 12Page - Analog Devices AD8038ARZ Datasheet HTML 13Page - Analog Devices AD8038ARZ Datasheet HTML 14Page - Analog Devices AD8038ARZ Datasheet HTML 15Page - Analog Devices AD8038ARZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD8038/AD8039
Rev. G | Page 13 of 16
LAYOUT, GROUNDING, AND BYPASSING CONSIDERATIONS
DISABLE
The AD8038 in the 8-lead SOIC package provides a disable
feature. This feature disables the input from the output (see
Figure 42 for input-output isolation) and reduces the quiescent
current from typically 1 mA to 0.2 mA. When the DISABLE
node is pulled below 4.5 V from the positive supply rail, the part
becomes disabled. To enable the part, the DISABLE node needs
to be pulled to greater than (VS – 2.5).
POWER SUPPLY BYPASSING
Power supply pins are actually inputs, and care must be taken
so that a noise-free stable dc voltage is applied. The purpose of
bypass capacitors is to create low impedances from the supply
to ground at all frequencies, thereby shunting or filtering a
majority of the noise.
Decoupling schemes are designed to minimize the bypassing
impedance at all frequencies with a parallel combination of
capacitors. The 0.01 μF or 0.001 μF (X7R or NPO) chip capacitors
are critical and should be placed as close as possible to the
amplifier package. Larger chip capacitors, such as 0.1 μF
capacitors, can be shared among a few closely spaced active
components in the same signal path. A 10 μF tantalum capacitor
is less critical for high frequency bypassing and, in most cases,
only one per board is needed at the supply inputs.
GROUNDING
A ground plane layer is important in densely packed PC boards
to spread the current minimizing parasitic inductances. However,
an understanding of where the current flows in a circuit is critical
to implementing effective high speed circuit design. The length
of the current path is directly proportional to the magnitude of
parasitic inductances and, therefore, the high frequency impedance
of the path. High speed currents in an inductive ground return
create an unwanted voltage noise.
The length of the high frequency bypass capacitor leads is most
critical. A parasitic inductance in the bypass grounding works
against the low impedance created by the bypass capacitor. Because
load currents flow from the supplies as well, the ground for the
load impedance should be at the same physical location as the
bypass capacitor grounds. For the larger value capacitors, which
are intended to be effective at lower frequencies, the current
return path distance is less critical.
INPUT CAPACITANCE
Along with bypassing and ground, high speed amplifiers can be
sensitive to parasitic capacitance between the inputs and ground. A
few picofarads of capacitance reduces the input impedance at
high frequencies, in turn increasing the gain of the amplifiers,
causing peaking of the frequency response, or even oscillations
if severe enough. It is recommended that the external passive
components that are connected to the input pins be placed as
close as possible to the inputs to avoid parasitic capacitance.
The ground and power planes must be kept at a distance of at
least 0.05 mm from the input pins on all layers of the board.
OUTPUT CAPACITANCE
To a lesser extent, parasitic capacitances on the output can cause
peaking of the frequency response. Two methods to minimize
this effect include the following:
•
Put a small value resistor in series with the output to isolate
the load capacitor from the output stage of the amplifier, see
Figure 12, Figure 13, Figure 27, and Figure 28.
•
Increase the phase margin with higher noise gains or add
a pole with a parallel resistor and capacitor from −IN to
the output.
INPUT-TO-OUTPUT COUPLING
The input and output signal traces should not be parallel to
minimize capacitive coupling between the inputs and outputs,
avoiding any positive feedback.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com