Electronic Components Datasheet Search
  English  ▼

X  

AD8008ARMZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD8008ARMZ
Description  Ultralow Distortion, High Speed Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8008ARMZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8008ARMZ Datasheet HTML 4Page - Analog Devices AD8008ARMZ Datasheet HTML 5Page - Analog Devices AD8008ARMZ Datasheet HTML 6Page - Analog Devices AD8008ARMZ Datasheet HTML 7Page - Analog Devices AD8008ARMZ Datasheet HTML 8Page - Analog Devices AD8008ARMZ Datasheet HTML 9Page - Analog Devices AD8008ARMZ Datasheet HTML 10Page - Analog Devices AD8008ARMZ Datasheet HTML 11Page - Analog Devices AD8008ARMZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD8007/AD8008
Rev. E | Page 8 of
20
FREQUENCY (MHz)
10
9
2
1
100
10
6
5
4
3
8
7
1
0
1000
G = +2
20pF
0pF
499Ω
499Ω
200Ω
49.9Ω
RSNUB
CLOAD
20pF AND
20Ω SNUB
20pF AND
10Ω SNUB
Figure 12. Small Signal Frequency Response for
Capacitive Load and Snub Resistor
FREQUENCY (MHz)
3
2
–5
100
10
–1
–2
–3
–4
1
0
–6
–7
1000
G = +1
VS = +5V, +85°C
VS = ±5V, +85°C
VS = +5V, –40°C
VS = ±5V, –40°C
Figure 13. Small Signal Frequency Response over Temperature,
VS = +5 V, VS = ±5 V
FREQUENCY (MHz)
3
2
–5
1
100
10
–1
–2
–3
–4
1
0
–6
–7
1000
VOUT = 2V p-p
G = +1 G = +2
G = +10
G = –1
Figure 14. Large Signal Frequency Response for Various Gains
FREQUENCY (Hz)
10M
1M
100k
10k
1k
100
10
1
100k
10k
10M
100M
1G
0
–30
–90
–150
–210
–270
–330
2G
TRANSIMPEDANCE
PHASE
30
90
–180
1M
Figure 15. Transimpedance and Phase vs. Frequency
FREQUENCY (MHz)
9
8
1
100
10
5
4
3
2
7
6
0
–1
1000
G = +2
VS = +5V, +85°C
VS = ±5V, +85°C
VS = +5V, –40°C
VS = ±5V, –40°C
Figure 16. Small Signal Frequency Response over Temperature,
VS = +5 V, VS = ±5 V
FREQUENCY (MHz)
9
8
1
100
10
5
4
3
2
7
6
0
–1
1000
G = +2
RL = 150Ω,VS = ±5V, VO = 2V p-p
RL = 150Ω,VS = +5V, VO = 1V p-p
RL = 1kΩ,VS = +5V, VO = 1V p-p
RL = 1kΩ,VS = ±5V, VO = 2V p-p
Figure 17. Large Signal Frequency Response for VS and RL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com