Electronic Components Datasheet Search
  English  ▼

X  

AD825ARZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD825ARZ
Description  Low Cost, General-Purpose High Speed JFET Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD825ARZ Datasheet(HTML) 4 Page - Analog Devices

  AD825ARZ Datasheet HTML 1Page - Analog Devices AD825ARZ Datasheet HTML 2Page - Analog Devices AD825ARZ Datasheet HTML 3Page - Analog Devices AD825ARZ Datasheet HTML 4Page - Analog Devices AD825ARZ Datasheet HTML 5Page - Analog Devices AD825ARZ Datasheet HTML 6Page - Analog Devices AD825ARZ Datasheet HTML 7Page - Analog Devices AD825ARZ Datasheet HTML 8Page - Analog Devices AD825ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD825
Data Sheet
Rev. G | Page 4 of 12
All limits are determined to be at least four standard deviations away from mean value. At TA = 25°C, VS = ±5 V unless otherwise noted.
Table 2.
AD825A
Parameter
Conditions
VS
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Unity Gain Bandwidth
±5 V
18
21
MHz
Bandwidth for 0.1 dB Flatness
Gain = +1
±5 V
8
10
MHz
−3 dB Bandwidth
Gain = +1
±5 V
34
37
MHz
Slew Rate
RLOAD = 1 kΩ, G = −1
±5 V
115
130
V/µs
Settling Time to 0.1%
−2.5 V to +2.5 V
±5 V
75
90
ns
to 0.01%
−2.5 V to +2.5 V
±5 V
90
110
ns
Total Harmonic Distortion
FC = 1 MHz, G = −1
±5 V
−76
dB
Differential Gain Error
NTSC
±5 V
1.2
%
(RLOAD = 150 Ω)
Gain = +2
Differential Phase Error
NTSC
±5 V
1.4
Degrees
(RLOAD = 150 Ω)
Gain = +2
INPUT OFFSET VOLTAGE
±5 V
1
2
mV
TMIN to TMAX
5
mV
Offset Drift
10
µV/°C
INPUT BIAS CURRENT
±5 V
10
30
pA
TMIN
5
pA
TMAX
600
pA
INPUT OFFSET CURRENT
±5 V
15
25
pA
TMIN
5
pA
Offset Current Drift
TMAX
280
pA
OPEN-LOOP GAIN
VOUT = ±2.5
±5 V
RLOAD = 500 Ω
64
66
dB
RLOAD = 150 Ω
64
66
dB
COMMON-MODE REJECTION
VCM = ±2 V
±5 V
69
80
dB
INPUT VOLTAGE NOISE
f = 10 kHz
±5 V
12
nV/√Hz
INPUT CURRENT NOISE
f = 10 kHz
±5 V
10
fA/√Hz
INPUT COMMON-MODE VOLTAGE RANGE
±5 V
± 3.5
V
OUTPUT VOLTAGE SWING
RLOAD = 500 Ω
+3.2
±3.4
V
RLOAD = 150 Ω
±5 V
+3.1
±3.2
V
Output Current
±5 V
50
mA
Short-Circuit Current
80
mA
INPUT RESISTANCE
5 ×1011
Ω
INPUT CAPACITANCE
6
pF
OUTPUT RESISTANCE
Open Loop
8
Ω
POWER SUPPLY
Quiescent Current
±5 V
6.2
6.8
mA
TMIN to TMAX
±5 V
7.5
mA
POWER SUPPLY REJECTION
VS = ±5 V to ±15 V
76
88
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com