Electronic Components Datasheet Search
  English  ▼

X  

AD844 Datasheet(PDF) 6 Page - Analog Devices

Part # AD844
Description  60 MHz, 2000 V/μs, Monolithic Op Amp with Quad Low Noise
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD844 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD844 Datasheet HTML 2Page - Analog Devices AD844 Datasheet HTML 3Page - Analog Devices AD844 Datasheet HTML 4Page - Analog Devices AD844 Datasheet HTML 5Page - Analog Devices AD844 Datasheet HTML 6Page - Analog Devices AD844 Datasheet HTML 7Page - Analog Devices AD844 Datasheet HTML 8Page - Analog Devices AD844 Datasheet HTML 9Page - Analog Devices AD844 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD844
Data Sheet
Rev. G | Page 6 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C and VS = ±15 V, unless otherwise noted.
70
60
50
40
30
SUPPLY VOLTAGE (±V)
20
0
5
10
15
Figure 4. −3 dB Bandwidth vs. Supply Voltage, R1 = R2 = 500 Ω
–60
–70
100
1k
10k
100k
–80
–90
–100
–110
–120
–130
INPUT FREQUENCY (Hz)
THIRD HARMONIC
SECOND HARMONIC
1V rms
Figure 5. Harmonic Distortion vs. Input Frequency, R1 = R2 = 1 kΩ
–50
0
50
100
150
5
4
3
2
1
0
TEMPERATURE (°C)
RL = ∞
RL = 500Ω
RL = 50Ω
Figure 6. Transresistance vs. Temperature
20
15
0
10
5
SUPPLY VOLTAGE (±V)
20
0
5
10
15
TA = 25°C
Figure 7. Noninverting Input Voltage Swing vs. Supply Voltage
20
15
0
10
5
SUPPLY VOLTAGE (±V)
20
0
5
10
15
RL = 500Ω
TA = 25°C
Figure 8. Output Voltage Swing vs. Supply Voltage
TEMPERATURE (-°C)
10
140
–60
–40
–20
0
20
40
60
80
100
120
9
8
7
6
5
4
VS = ±5V
VS = ±15V
Figure 9. Quiescent Supply Current vs. Temperature and Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com