Electronic Components Datasheet Search
  English  ▼

X  

AD8615 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8615
Description  Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8615 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8615 Datasheet HTML 2Page - Analog Devices AD8615 Datasheet HTML 3Page - Analog Devices AD8615 Datasheet HTML 4Page - Analog Devices AD8615 Datasheet HTML 5Page - Analog Devices AD8615 Datasheet HTML 6Page - Analog Devices AD8615 Datasheet HTML 7Page - Analog Devices AD8615 Datasheet HTML 8Page - Analog Devices AD8615 Datasheet HTML 9Page - Analog Devices AD8615 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD8615/AD8616/AD8618
Data Sheet
TYPICAL PERFORMANCE CHARACTERISTICS
0
200
600
1400
1800
2200
1000
400
1200
1600
2000
800
–700
–500
–300
–100
100
300
500
700
OFFSET VOLTAGE (µV)
VS = 5V
TA = 25°C
VCM = 0V TO 5V
Figure 6. Input Offset Voltage Distribution
0
2
6
14
18
22
10
4
12
16
20
8
02
468
10
12
TCVOS (µV/°C)
VS = ±2.5V
TA = –40°C TO +125°C
VCM = 0V
Figure 7. Offset Voltage Drift Distribution
–400
–500
–300
–200
–100
0
100
200
300
400
500
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
COMMON-MODE VOLTAGE (V)
VS = 5V
TA = 25°C
Figure 8. Input Offset Voltage vs. Common-Mode Voltage
(200 Units, Five Wafer Lots Including Process Skews)
0
50
100
150
200
250
300
350
0
25
50
75
100
125
TEMPERATURE (-°C)
VS = ±2.5V
Figure 9. Input Bias Current vs. Temperature
SINK
SOURCE
1000
100
10
1
0.1
0.001
0.01
0.1
1
10
ILOAD (mA)
100
VS = 5V
TA = 25°C
Figure 10. Output Voltage to Supply Rail vs. Load Current
0
20
40
60
80
100
120
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
VS = 5V
1mA LOAD
10mA LOAD
Figure 11. Output Saturation Voltage vs. Temperature
Rev. G | Page 6 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com