Electronic Components Datasheet Search
  English  ▼

X  

AD8628 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8628
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8628 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8628 Datasheet HTML 13Page - Analog Devices AD8628 Datasheet HTML 14Page - Analog Devices AD8628 Datasheet HTML 15Page - Analog Devices AD8628 Datasheet HTML 16Page - Analog Devices AD8628 Datasheet HTML 17Page - Analog Devices AD8628 Datasheet HTML 18Page - Analog Devices AD8628 Datasheet HTML 19Page - Analog Devices AD8628 Datasheet HTML 20Page - Analog Devices AD8628 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Data Sheet
AD8628/AD8629/AD8630
FUNCTIONAL DESCRIPTION
analog.com
Rev. M | 17 of 21
Figure 60. Negative Input Overload Recovery for Competitor A
Figure 61. Negative Input Overload Recovery for Competitor B
The results shown in Figure 56 to Figure 61 are summarized in
Table 5.
Table 5. Overload Recovery Time
Model
Positive Overload
Recovery (µs)
Negative Overload
Recovery (µs)
AD8628
6
9
Competitor A
650
25,000
Competitor B
40,000
35,000
INFRARED SENSORS
Infrared (IR) sensors, particularly thermopiles, are increasingly be-
ing used in temperature measurement for applications as wide
ranging as automotive climate control, human ear thermometers,
home insulation analysis, and automotive repair diagnostics. The
relatively small output signal of the sensor demands high gain with
very low offset voltage and drift to avoid dc errors.
If interstage ac coupling is used, as in Figure 62, low offset and
drift prevent the output of the input amplifier from drifting close
to saturation. The low input bias currents generate minimal errors
from the output impedance of the sensor. As with pressure sensors,
the very low amplifier drift with time and temperature eliminate
additional errors once the temperature measurement is calibrated.
The low 1/f noise improves SNR for dc measurements taken over
periods often exceeding one-fifth of a second.
Figure 62 shows a circuit that can amplify ac signals from 100 µV
to 300 µV up to the 1 V to 3 V levels, with a gain of 10,000 for
accurate analog-to-digital conversion.
Figure 62. AD8629 Used as Preamplifier for Thermopile
PRECISION CURRENT SHUNT SENSOR
A precision current shunt sensor benefits from the unique attributes
of auto-zero amplifiers when used in a differencing configuration, as
shown in Figure 63. Current shunt sensors are used in precision
current sources for feedback control systems. They are also used in
a variety of other applications, including battery fuel gauging, laser
diode power measurement and control, torque feedback controls in
electric power steering, and precision power metering.
Figure 63. Low-Side Current Sensing
In such applications, it is desirable to use a shunt with very low re-
sistance to minimize the series voltage drop; this minimizes wasted
power and allows the measurement of high currents while saving
power. A typical shunt might be 0.1 Ω. At measured current values
of 1 A, the output signal of the shunt is hundreds of millivolts, or
even volts, and amplifier error sources are not critical. However,
at low measured current values in the 1 mA range, the 100 µV
output voltage of the shunt demands a very low offset voltage and
drift to maintain absolute accuracy. Low input bias currents are also
needed, so that injected bias current does not become a significant
percentage of the measured current. High open-loop gain, CMRR,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com