Electronic Components Datasheet Search
  English  ▼

X  

AD8629 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8629
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8629 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8629 Datasheet HTML 11Page - Analog Devices AD8629 Datasheet HTML 12Page - Analog Devices AD8629 Datasheet HTML 13Page - Analog Devices AD8629 Datasheet HTML 14Page - Analog Devices AD8629 Datasheet HTML 15Page - Analog Devices AD8629 Datasheet HTML 16Page - Analog Devices AD8629 Datasheet HTML 17Page - Analog Devices AD8629 Datasheet HTML 18Page - Analog Devices AD8629 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Data Sheet
AD8628/AD8629/AD8630
FUNCTIONAL DESCRIPTION
analog.com
Rev. M | 15 of 21
Figure 51. Competitor A Peak-to-Peak Noise
NOISE BEHAVIOR WITH FIRST-ORDER, LOW-
PASS FILTER
The AD8628 was simulated as a low-pass filter (see Figure 53) and
then configured as shown in Figure 52. The behavior of the AD8628
matches the simulated data. It was verified that noise is rolled off
by first-order filtering. Figure 53 and Figure 54 show the difference
between the simulated and actual transfer functions of the circuit
shown in Figure 52.
Figure 52. First-Order Low-Pass Filter Test Circuit, ×101 Gain and 3 kHz
Corner Frequency
Figure 53. Simulation Transfer Function of the Test Circuit in Figure 52
Figure 54. Actual Transfer Function of the Test Circuit in Figure 52
The measured noise spectrum of the test circuit charted in Figure
54 shows that noise between 5 kHz and 45 kHz is successfully
rolled off by the first-order filter.
TOTAL INTEGRATED INPUT-REFERRED NOISE
FOR FIRST-ORDER FILTER
For a first-order filter, the total integrated noise from the AD8628 is
lower than the noise of Competitor A.
Figure 55. RMS Noise vs. 3 dB Filter Bandwidth in Hz
INPUT OVERVOLTAGE PROTECTION
Although the AD8628/AD8629/AD8630 are rail-to-rail input amplifi-
ers, care should be taken to ensure that the potential difference
between the inputs does not exceed the supply voltage. Under nor-
mal negative feedback operating conditions, the amplifier corrects
its output to ensure that the two inputs are at the same voltage.
However, if either input exceeds either supply rail by more than 0.3
V, large currents begin to flow through the ESD protection diodes in
the amplifier.
These diodes are connected between the inputs and each supply
rail to protect the input transistors against an electrostatic discharge
event, and they are normally reverse-biased. However, if the input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com