Electronic Components Datasheet Search
  English  ▼

X  

TDA9818 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA9818
Description  Single/multistandard VIF/SIF-PLL and FM-PLL/AM demodulators
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9818 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA9818 Datasheet HTML 14Page - NXP Semiconductors TDA9818 Datasheet HTML 15Page - NXP Semiconductors TDA9818 Datasheet HTML 16Page - NXP Semiconductors TDA9818 Datasheet HTML 17Page - NXP Semiconductors TDA9818 Datasheet HTML 18Page - NXP Semiconductors TDA9818 Datasheet HTML 19Page - NXP Semiconductors TDA9818 Datasheet HTML 20Page - NXP Semiconductors TDA9818 Datasheet HTML 21Page - NXP Semiconductors TDA9818 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
2004 Jun 29
18
Philips Semiconductors
Product specification
Single/multistandard VIF/SIF-PLL and
FM-PLL/AM demodulators
TDA9817; TDA9818
Notes
1. Values of video and sound parameters are decreased at VP = 4.5 V.
2. This parameter is not tested during production and is only given as an application information for designing the
television receiver.
3. Loop bandwidth BL = 70 kHz (natural frequency fn = 12 kHz; damping factor d ≈ 3; calculated with sync level within
gain control range). Resonance circuit of VCO: Q0 > 50; Cext = 8.2 pF ±0.25 pF; Cint ≈ 8.5 pF (loop voltage
approximately 2.7 V).
4. Temperature coefficient of external LC circuit is equal to zero.
5. Vi(VIF)(rms) = 10 mV; ∆f = 1 MHz (VCO frequency offset related to picture carrier frequency); white picture
video modulation.
6. VIF signal for nominal video signal.
7. The leakage current of the AGC capacitor should not exceed 1
µA at B/G standard, respectively 10 nA current at
L standard. Larger currents will increase the tilt.
8. S/N is the ratio of black-to-white amplitude to the black level noise voltage (RMS value, pin CVBS). B=5MHz
weighted in accordance with
“CCIR 567”.
9. The intermodulation figures are defined:
;
α1.1 value at 1.1 MHz referenced to black/white signal;
;
α
3.3 value at 3.3 MHz referenced to colour carrier.
10. Measurements taken with SAW filter K3953 (sound carrier suppression: 40 dB); loop bandwidth BL = 70 kHz:
a) Modulation VSB; sound carrier off; fvideo > 0.5 MHz.
b) Sound carrier on; SIF SAW filter K9453; fvideo = 10 kHz to 10 MHz.
11. Response speed valid for a VIF input level range of 200
µVupto70mV.
12. To match the AFC output signal to different tuning systems a current source output is provided. The test circuit is
given in Fig.9. The AFC-steepness can be changed by the resistors at pin AFC.
13. Depending on the ratio
∆C/C0 of the LC resonant circuit of VCO (Q0 > 50; note 3; C0 =Cint +Cext).
14. Source impedance: 2.3 k
Ω in parallel to 12 pF (SAW filter); fIF = 38.9 MHz.
15. Without using an SIF SAW filter the mixer can be switched to intercarrier mode by connecting pin SIF1 and/or
pin SIF2 to ground. In this mode the SIF passes the VIF SAW filter and IF intercarrier levels are depending on the
sound shelf of the VIF SAW filter. The intercarrier output signal at pin QSS can be calculated by the following formula
taking into account the video output signal at pin CVBS (Vo(CVBS)(p-p) = 1.1 V typical) as a reference:
where:
a)
= correction term for RMS value
b)
= sound-to-picture carrier ratio at VIF inputs in dB
c) 6 dB = correction term of internal circuitry
d)
±3 dB = tolerance of video output and intercarrier output amplitude Vo(rms)
α
1.1
20
V
o at 4.4 MHz
V
o at 1.1 MHz
--------------------------------------

 3.6 dB
+
log
=
α
3.3
20
V
o at 4.4 MHz
V
o at 3.3 MHz
--------------------------------------


log
=
V
o(rms)
1.1 V p
p
–
()
1
22
-----------
×
10
V
i(sc)
V
i(pc)
------------ dB
() 6dB 3 dB
±
+
20
--------------------------------------------------------------
×
=
1
22
-----------
V
i(sc)
V
i(pc)
-------------- (dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com